Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3225IAZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL3225IAZ-T
Description  1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3225IAZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL3225IAZ-T Datasheet HTML 6Page - Intersil Corporation ICL3225IAZ-T Datasheet HTML 7Page - Intersil Corporation ICL3225IAZ-T Datasheet HTML 8Page - Intersil Corporation ICL3225IAZ-T Datasheet HTML 9Page - Intersil Corporation ICL3225IAZ-T Datasheet HTML 10Page - Intersil Corporation ICL3225IAZ-T Datasheet HTML 11Page - Intersil Corporation ICL3225IAZ-T Datasheet HTML 12Page - Intersil Corporation ICL3225IAZ-T Datasheet HTML 13Page - Intersil Corporation ICL3225IAZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN4878.8
February 27, 2006
Figure 7 illustrates the enhanced powerdown control logic.
Note that once the ICL32XX enters powerdown (manually or
automatically), the 30 second timer remains timed out (set),
keeping the ICL32XX powered down until FORCEON
transitions high, or until a transition occurs on a receiver or
transmitter input.
The INVALID output signal switches low to indicate that
invalid levels have persisted on all of the receiver inputs for
more than 30
µs (see Figure 8), but this has no direct effect
on the state of the ICL32XX (see the next sections for
methods of utilizing INVALID to power down the device).
INVALID switches high 1
µs after detecting a valid RS-232
level on a receiver input. INVALID operates in all modes
(forced or automatic powerdown, or forced on), so it is also
useful for systems employing manual powerdown circuitry.
The time to recover from automatic powerdown mode is
typically 100
µs.
Emulating Standard Automatic Powerdown
If enhanced automatic powerdown isn’t desired, the user can
implement the standard automatic powerdown feature
(mimics the function on the ICL3221/ICL3223/ICL3243) by
connecting the INVALID output to the FORCEON and
FORCEOFF inputs, as shown in Figure 9. After 30
µs of
invalid receiver levels, INVALID switches low and drives the
ICL32XX into a forced powerdown condition. INVALID
switches high as soon as a receiver input senses a valid RS-
232 level, forcing the ICL32XX to power on. See the
“INVALID DRIVING FORCEON AND FORCEOFF” section
of Table 2 for an operational summary. This operational
mode is perfect for handheld devices that communicate with
another computer via a detachable cable. Detaching the
cable allows the internal receiver pull-down resistors to pull
the inputs to GND (an invalid RS-232 level), causing the
30
µs timer to time-out and drive the IC into powerdown.
Reconnecting the cablerestores valid levels, causing the IC
to power back up.
Hybrid Automatic Powerdown Options
For devices which communicate only through a detachable
cable, connecting INVALID to FORCEOFF (with FORCEON
= 0) may be a desirable configuration. While the cable is
attached INVALID and FORCEOFF remain high, so the
enhanced automatic powerdown logic powers down the RS-
232 device whenever there is 30 seconds of inactivity on the
RECEIVER
INPUTS
TRANSMITTER
OUTPUTS
INVALID
OUTPUT
V+
VCC
0
V-
tINVL
tINVH
FIGURE 8. ENHANCED AUTOMATIC POWERDOWN, INVALID AND READY TIMING DIAGRAMS
READY
OUTPUT
TRANSMITTER
INPUTS
tWU
tAUTOPWDN
tAUTOPWDN
tWU
INVALID
REGION
}
FIGURE 9. CONNECTIONS FOR AUTOMATIC POWERDOWN
WHEN NO VALID RECEIVER SIGNALS ARE
PRESENT
CPU
I/O
ICL32XX
UART
ICL3225, ICL3245


Similar Part No. - ICL3225IAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225IAZ-T INTERSIL-ICL3225IAZ-T Datasheet
461Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225IAZ-T RENESAS-ICL3225IAZ-T Datasheet
830Kb / 19P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3225IAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3225 RENESAS-ICL3225 Datasheet
830Kb / 19P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3227 INTERSIL-ICL3227 Datasheet
535Kb / 20P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225 INTERSIL-ICL3225 Datasheet
461Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com