Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3217IAZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL3217IAZ
Description  Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3217IAZ Datasheet(HTML) 2 Page - Intersil Corporation

  ICL3217IAZ Datasheet HTML 1Page - Intersil Corporation ICL3217IAZ Datasheet HTML 2Page - Intersil Corporation ICL3217IAZ Datasheet HTML 3Page - Intersil Corporation ICL3217IAZ Datasheet HTML 4Page - Intersil Corporation ICL3217IAZ Datasheet HTML 5Page - Intersil Corporation ICL3217IAZ Datasheet HTML 6Page - Intersil Corporation ICL3217IAZ Datasheet HTML 7Page - Intersil Corporation ICL3217IAZ Datasheet HTML 8Page - Intersil Corporation ICL3217IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Pinout
ICL3207, ICL3217 (SOIC, SSOP)
TOP VIEW
Ordering Information
PART NUMBER*
PART MARKING
TEMPERATURE
RANGE (°C)
PACKAGE
PKG. DWG. #
ICL3207CA
ICL3207CA
0 to 70
24 Ld SSOP
M24.209
ICL3207CAZ (Note)
ICL3207CAZ
0 to 70
24 Ld SSOP
(Pb-free)
M24.209
ICL3207CB
ICL3207CB
0 to 70
24 Ld SOIC
M24.3
ICL3207CBZ (Note)
ICL3207CBZ
0 to 70
24 Ld SOIC
(Pb-free)
M24.3
ICL3207IA
ICL3207IA
-40 to 85
24 Ld SSOP
M24.209
ICL3207IAZ (Note)
ICL3207IAZ
-40 to 85
24 Ld SSOP
(Pb-free)
M24.209
ICL3217CA
ICL3217CA
0 to 70
24 Ld SSOP
M24.209
ICL3217CAZ (Note)
ICL3217CAZ
0 to 70
24 Ld SSOP
(Pb-free)
M24.209
ICL3217CB
ICL3217CB
0 to 70
24 Ld SOIC
M24.3
ICL3217CBZ (Note)
ICL3217CBZ
0 to 70
24 Ld SOIC
(Pb-free)
M24.3
ICL3217IA
ICL3217IA
-40 to 85
24 Ld SSOP
M24.209
ICL3217IAZ (Note)
ICL3217IAZ
-40 to 85
24 Ld SSOP
(Pb-free)
M24.209
ICL3217IB
ICL3217IB
-40 to 85
24 Ld SOIC
M24.3
ICL3217IBZ (Note)
ICL3217IBZ
-40 to 85
24 Ld SOIC
(Pb-free)
M24.3
*Most surface mount devices are available on tape and reel; add “-T” to suffix.
NOTE:
Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
T3OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1-
T4OUT
R2OUT
T5IN
T5OUT
T4IN
R3OUT
V-
C2-
C2+
R2IN
T3IN
R3IN
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
Pin Descriptions
PIN
FUNCTION
VCC System power supply input (3.0V to 5.5V).
V+
Internally generated positive transmitter supply (+5.5V).
V-
Internally generated negative transmitter supply (-5.5V).
GND
Ground connection.
C1+
External capacitor (voltage doubler) is connected to this lead.
C1-
External capacitor (voltage doubler) is connected to this lead.
C2+
External capacitor (voltage inverter) is connected to this lead.
C2-
External capacitor (voltage inverter) is connected to this lead.
TIN
TTL/CMOS compatible transmitter Inputs.
TOUT RS-232 level (nominally ±5.5V) transmitter Outputs.
RIN
RS-232 compatible receiver inputs.
ROUT TTL/CMOS level receiver outputs.
ICL3207, ICL3217


Similar Part No. - ICL3217IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3217IAZ INTERSIL-ICL3217IAZ Datasheet
297Kb / 11P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3217IAZ RENESAS-ICL3217IAZ Datasheet
624Kb / 12P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3217IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3207 RENESAS-ICL3207 Datasheet
624Kb / 12P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3217 INTERSIL-ICL3217 Datasheet
297Kb / 11P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com