Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3245ECAZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL3245ECAZ
Description  짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3245ECAZ Datasheet(HTML) 2 Page - Intersil Corporation

  ICL3245ECAZ Datasheet HTML 1Page - Intersil Corporation ICL3245ECAZ Datasheet HTML 2Page - Intersil Corporation ICL3245ECAZ Datasheet HTML 3Page - Intersil Corporation ICL3245ECAZ Datasheet HTML 4Page - Intersil Corporation ICL3245ECAZ Datasheet HTML 5Page - Intersil Corporation ICL3245ECAZ Datasheet HTML 6Page - Intersil Corporation ICL3245ECAZ Datasheet HTML 7Page - Intersil Corporation ICL3245ECAZ Datasheet HTML 8Page - Intersil Corporation ICL3245ECAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN4900.9
February 27, 2006
Ordering Information
PART NO. *
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ICL3225ECA
ICL3225ECA
0 to 70
20 Ld SSOP
M20.209
ICL3225ECAZ
(Note 1)
ICL3225ECAZ
0 to 70
20 Ld SSOP
(Pb-free)
M20.209
ICL3225ECP
ICL3225ECP
0 to 70
20 Ld PDIP
E20.3
ICL3225ECPZ
(Note 1)
3225ECPZ
0 to 70
20 Ld PDIP**
(Pb-free)
E20.3
ICL3225EIA
ICL3225EIA
-40 to 85 20 Ld SSOP
M20.209
ICL3225EIAZ
(Note 1)
ICL3225EIAZ
-40 to 85 20 Ld SSOP
(Pb-free)
M20.209
ICL3227ECA
ICL3227ECA
0 to 70
16 Ld SSOP
M16.209
ICL3227ECAZA
(Note 1)
3227ECAZ
0 to 70
16 Ld SSOP
(Pb-free)
M16.209
ICL3227EIA
ICL3227EIA
-40 to 85 16 Ld SSOP
M16.209
ICL3227EIAZA
(Note 1)
3227EIAZ
-40 to 85 16 Ld SSOP
(Pb-free)
M16.209
ICL3245ECA
ICL3245ECA
0 to 70
28 Ld SSOP
M28.209
ICL3245ECAZ
(Note 1)
ICL3245ECAZ
0 to 70
28 Ld SSOP
(Pb-Free)
M28.209
ICL3245ECB
ICL3245ECB
0 to 70
28 Ld SOIC
M28.3
ICL3245ECBZ
(Note 1)
ICL3245ECBZ
0 to 70
28 Ld SOIC
(Pb-free)
M28.3
ICL3245ECV
ICL3245ECV
0 to 70
28 Ld TSSOP M28.173
ICL3245ECVZ
(Note 1)
ICL3245ECVZ
0 to 70
28 Ld TSSOP
(Pb-free)
M28.173
ICL3245EIA
ICL3245EIA
-40 to 85 28 Ld SSOP
M28.209
ICL3245EIAZ
(Note 1)
ICL3245EIAZ
-40 to 85 28 Ld SSOP
(Pb-free)
M28.209
ICL3245EIB
ICL3245EIB
-40 to 85 28 Ld SOIC
M28.3
* Most surface mount devices are available on tape and reel; add “-T” to
suffix.
**Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
NOTE:
1. Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NO. *
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
Pinouts
ICL3225E (PDIP, SSOP)
TOP VIEW
ICL3227E (SSOP)
TOP VIEW
READY
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
FORCEOFF
GND
T1OUT
R1IN
R1OUT
T1IN
INVALID
VCC
FORCEON
T2IN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R2OUT
READY
C1+
V+
C1-
C2+
C2-
V-
R1IN
FORCEOFF
GND
T1OUT
FORCEON
T1IN
R1OUT
VCC
INVALID
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
ICL3225E, ICL3227E, ICL3245E


Similar Part No. - ICL3245ECAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3245ECAZ INTERSIL-ICL3245ECAZ Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3245ECAZ INTERSIL-ICL3245ECAZ Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
logo
Renesas Technology Corp
ICL3245ECAZ RENESAS-ICL3245ECAZ Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
More results

Similar Description - ICL3245ECAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225 INTERSIL-ICL3225_06 Datasheet
380Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227 INTERSIL-ICL3227 Datasheet
535Kb / 20P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225 INTERSIL-ICL3225 Datasheet
461Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com