Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6004ECBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP6004ECBZ
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004ECBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP6004ECBZ Datasheet HTML 3Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 4Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 5Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 6Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 7Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 8Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 9Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 10Page - Intersil Corporation HIP6004ECBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Figure 5 shows the critical power components of the converter.
To minimize the voltage overshoot the interconnecting wires
indicated by heavy lines should be part of ground or power
plane in a printed circuit board. The components shown in
Figure 5 should be located as close together as possible.
Please note that the capacitors CIN and CO each represent
numerous physical capacitors. Locate the HIP6004E within 3
inches of the MOSFETs, Q1 and Q2. The circuit traces for the
MOSFETs’ gate and source connections from the HIP6004E
must be sized to handle up to 1A peak current.
Figure 6 shows the circuit traces that require additional
layout consideration. Use single point and ground plane
construction for the circuits shown. Minimize any leakage
current paths on the SS pin and locate the capacitor, CSS
close to the SS pin because the internal current source is
only 10
µA. Provide local V
CC decoupling between VCC and
GND pins. Locate the capacitor, CBOOT as close as practical
to the BOOT and PHASE pins.
Feedback Compensation
Figure 7 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage
(VOUT) is regulated to the Reference voltage level. The
error amplifier (Error Amp) output (VE/A) is compared with
the oscillator (OSC) triangular wave to provide a pulse-
width modulated (PWM) wave with an amplitude of VIN at
the PHASE node.
01
111
1.300
0
011
1
1.700
11
111
1.325
1
011
1
1.725
01
110
1.350
0
011
0
1.750
11
110
1.375
1
011
0
1.775
01
101
1.400
0
010
1
1.800
11
101
1.425
1
010
1
1.825
NOTE: 0 = connected to GND or VSS, 1 = connected to VDD through pull-up resistors or leave the pins floating. Internal pull-ups will force the floating
VID pins to HIGH.
TABLE 1. OUTPUT VOLTAGE PROGRAM (Continued)
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
VID25
mV
VID3
VID2
VID1
VID0
VID25
mV
VID3
VID2
VID1
VID0
PGND
LO
CO
LGATE
UGATE
PHASE
Q1
Q2
D2
VIN
VOUT
RETURN
HIP6004E
CIN
FIGURE 5. PRINTED CIRCUIT BOARD POWER AND
GROUND PLANES OR ISLANDS
FIGURE 6. PRINTED CIRCUIT BOARD SMALL SIGNAL
LAYOUT GUIDELINES
+12V
HIP6004E
SS
GND
VCC
BOOT
D1
LO
CO
VOUT
Q1
Q2
PHASE
+VIN
CBOOT
CVCC
CSS
HIP6004E


Similar Part No. - HIP6004ECBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004ECBZ INTERSIL-HIP6004ECBZ Datasheet
507Kb / 13P
   Drives two N-Channel MOSFETs
HIP6004ECBZ INTERSIL-HIP6004ECBZ Datasheet
502Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 2004
logo
Renesas Technology Corp
HIP6004ECBZ RENESAS-HIP6004ECBZ Datasheet
821Kb / 14P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
More results

Similar Description - HIP6004ECBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6014 RENESAS-HIP6014 Datasheet
793Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
logo
Intersil Corporation
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004B INTERSIL-HIP6004B Datasheet
339Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004E INTERSIL-HIP6004E Datasheet
317Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Intersil Corporation
HIP6004BCB-T INTERSIL-HIP6004BCB-T Datasheet
630Kb / 15P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004 RENESAS-HIP6004 Datasheet
791Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
logo
Intersil Corporation
HIP6004D INTERSIL-HIP6004D Datasheet
202Kb / 11P
   Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor
HIP6004A INTERSIL-HIP6004A_02 Datasheet
445Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004 INTERSIL-HIP6004 Datasheet
211Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com