Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5217 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL5217
Description  Quad Programmable Up Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5217 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL5217_05 Datasheet HTML 1Page - Intersil Corporation ISL5217_05 Datasheet HTML 2Page - Intersil Corporation ISL5217_05 Datasheet HTML 3Page - Intersil Corporation ISL5217_05 Datasheet HTML 4Page - Intersil Corporation ISL5217_05 Datasheet HTML 5Page - Intersil Corporation ISL5217_05 Datasheet HTML 6Page - Intersil Corporation ISL5217_05 Datasheet HTML 7Page - Intersil Corporation ISL5217_05 Datasheet HTML 8Page - Intersil Corporation ISL5217_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4
FN6004.3
July 8, 2005
Pin Descriptions (all signals are active high unless otherwise stated)
NAME
TYPE
DESCRIPTION
POWER SUPPLY
VCCC
-
Positive Device Core Power Supply Voltage, 2.5V
±0.125V.
VCCIO
-
Positive Device Input/Output Power Supply Voltage, 3.3V
±0.165V.
GND
-
Ground, 0V
MICROPROCESSOR INTERFACE AND CONTROL
CLK
I
Input Clock. All processing in the ISL5217 occurs on the rising edge of CLK.
RESET
I
Reset. (Active Low). Asserting reset will clear all configuration registers to their default values, halting all processing.
P<15:0>
I/O
Data bus. Bit 15 is the MSB.
A<6:0>
I
Address bus. Bit 6 is the MSB.
CS
I
Chip Select. (active low). Enables device to respond to
µP access. NOTE: See Appendix A, Errata Sheet.
RDMODE
I
Read Mode. Read mode selects the Read/Write mode for the Microprocessor Interface. When low the device is
configured for separate RD and WR strobe inputs. When high the device is configured for a common Read/Write
and Data Strobe inputs. Internally pulled down.
WR
I
Write Strobe, (active low). Dual function input. The input is configured for Write Strobe when RDMODE is low. When
RDMODE is high the input is configured for Data Strobe.
Write Strobe. The data on P<15:0> is written to the destination selected by A<6:0> on the rising edge of WR when
CS is asserted (low).
Data Strobe. The data on P<15:0> is written to the destination selected by A<6:0> on the rising edge of Data strobe
when RD is low and CS is asserted (low) or read from the address selected by A<6:0> placed on P<15:0> when
RD is high and CS is asserted (low).
RD
I
Read Strobe (Active Low). Dual function input. The input is configured for Read Strobe when RDMODE is low.
When RDMODE is high the input is configured for Read/Write Strobe.
Read Strobe. The data at the address selected by A(6:0) is placed on P<15:0> when RD is asserted (low) and
CS is asserted (low).
Read/Write Strobe. Determines the type of
µP access.
OFFBIN
I
Offset Binary. When set to 1, the output data bus format is offset binary. When set to 0 the output data bus format
is 2’s complement.
OUTEN<1:0>
I
Output Three-state Control. OUTEN<1:0> is decoded to provide three-state control of the output data buses. When
TRITST is asserted, the three-state control divides the 80-bit output into eight groups of 10-bits each. When TRITST
is deasserted, the three-state control operates on the 20-bit real and imaginary cascade out data buses.
TRITST
I
Tester Three-State Control. This signal determines how the OUTEN<1:0> is decoded to provide the necessary
three-state controls when in normal or tester applications. Set low for normal operation.
SERIAL DATA / SYNCHRONIZATION AND FIFO STATUS
SDA, SDB,
SDC, SDD
I
Serial Data A-D. (SDX) Serial Data Input for the I and Q vectors. The processing channel selected for this data will
shift the data in on the rising edge of its serial TX clock. The data vectors are shifted in with the MSB first.
SCLKA,
SCLKB,
SCLKC,
SCLKD
O
SERIAL CLK A-D. (SCLKX) Dual function output. The output is SERIAL CLK when symbol data is input through
the serial data port. When symbol data is input through the
µP port the output is SAMPLE CLK 0-3. The polarity of
SCLKX is programmable.
Serial Clock. Programmable rate clock signal provided to the data source to shift serial data out. Programmed rates
can be CLK/(1-32), or 32x sample clock. See control word 0x17, bit 15 for shut-off conditioning.
SAMPLE CLK. Signal provided to the data source to indicate when data is being transferred from the FIFO to the
shaping filter. The SAMPLE CLK output is generated by the sample rate NCO and has approximately 50% duty
cycle. The sample is taken on the high-to-low transition.
FSRA,
FSRB,
FSRC,
FSRD
O
FRAME STROBE A-D. (FSRX) Multiple Function Output. When control word 0x0c, bit 11 is set to zero, the output
is FRAME STROBE when symbol data is input through the serial data port. When symbol data is input through the
µP port the output is FIFO READY 0-3. When control word 0x0c, bit 11 is set to one, the setting of the
FSRMode<1:0> bits in indirect address 0x407 determine the output. The polarity of FSRX is programmable.
FRAME STROBE. Signal provided to the data source to initiate a serial word transfer. Alternatively selectable
through Serial Control 0x11, bit 14 to be Epoch frame strobe. Epoch is a pre-carry out of the fixed integer divider
instead of the serial frame strobe. The Epoch pre-carry out is six clocks ahead of the true carry out and can be used
to synchronize fixed integer dividers of other devices. See control word 0x17, bit 15 for shut-off conditioning.
FIFO READY. Indicates the I and Q FIFO pointer is less than the programmed FIFO depth.
UPDX or TXENX: When 0x0c, bit 11 is set to one, and FSRMode<1:0> is set to 10, the internal channel UPDX is
output. When 0x0c, bit 11 is set to one, and FSRMode<1:0> is set to 11, the internal channel TXENX is output. See
Table 43 for additional details.
ISL5217


Similar Part No. - ISL5217_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5217EVAL1 INTERSIL-ISL5217EVAL1 Datasheet
766Kb / 43P
   Quad Programmable Up Converter
logo
Renesas Technology Corp
ISL5217EVAL1 RENESAS-ISL5217EVAL1 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217KI INTERSIL-ISL5217KI Datasheet
766Kb / 43P
   Quad Programmable Up Converter
logo
Renesas Technology Corp
ISL5217KI RENESAS-ISL5217KI Datasheet
1Mb / 43P
   Quad Programmable Up Converter
ISL5217KIZ RENESAS-ISL5217KIZ Datasheet
1Mb / 43P
   Quad Programmable Up Converter
More results

Similar Description - ISL5217_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5217 RENESAS-ISL5217 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217 INTERSIL-ISL5217 Datasheet
766Kb / 43P
   Quad Programmable Up Converter
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
ETA SOLUTIONS CO. LIMIT...
ETA1013 ETA-ETA1013 Datasheet
212Kb / 1P
   12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565_10 Datasheet
211Kb / 19P
   Quad power amplifier with integrated step-up converter
logo
ams AG
AS1352 AMSCO-AS1352_1 Datasheet
307Kb / 10P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com