Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5217EVAL1 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL5217EVAL1
Description  Quad Programmable Up Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5217EVAL1 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL5217EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 9Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 10Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 11Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
FN6004.3
July 8, 2005
Data Modulation Path
Three data path options are provided, one for each
modulation format. The modulation format is selected using
FIR Control (0xd, 3:2). The modulation paths are defined in
the following subsections.
FIGURE 5. FIFO DATA AND ENABLE TIMING
CLK
WR
DLY DATA
DFF 1
DFF 2
DFF 3
DFF 4
REG1
FIFORDY
Write_FIFO
123
4
FIFO NEEDS
MORE DATA
FIFO NEEDS
MORE DATA
FIGURE 6. I AND Q FIFO BLOCK DIAGRAM
ZERO’S
0XC, 10:8
8:1 MUX
WR
A(000)
WRITE_FIFO
WRITE_FIFO
A(2:0)
IFIFO(15:0)
QFIFO(15:0)
FIFORDY
DFF1
DFF2
DFF3
DFF4
FM ENABLED
All Registers are clocked at CLK unless shown otherwise.
SERIAL_WRITE_TO_FIFO
CLOCK SYNCHRONIZATION
ALMOST EMPTY
THRESHOLD
SDB
SDC
SDD
SDA
0X11, 1:0
0X13, 9:0
0X12, 9:0
Q SAMPLE (15:0)
I SAMPLE (15:0)
0X1, 15:0
0X0, 15:0
P<15:0>
A<6:0>
0X11, 15
0X11, 3:2
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
8:1 MUX
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
0X11, 15
ISL5217


Similar Part No. - ISL5217EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5217EVAL1 INTERSIL-ISL5217EVAL1 Datasheet
766Kb / 43P
   Quad Programmable Up Converter
logo
Renesas Technology Corp
ISL5217EVAL1 RENESAS-ISL5217EVAL1 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
More results

Similar Description - ISL5217EVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5217 RENESAS-ISL5217 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217 INTERSIL-ISL5217 Datasheet
766Kb / 43P
   Quad Programmable Up Converter
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
ETA SOLUTIONS CO. LIMIT...
ETA1013 ETA-ETA1013 Datasheet
212Kb / 1P
   12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565_10 Datasheet
211Kb / 19P
   Quad power amplifier with integrated step-up converter
logo
ams AG
AS1352 AMSCO-AS1352_1 Datasheet
307Kb / 10P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com