Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5961IB Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL5961IB
Description  14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5961IB Datasheet(HTML) 2 Page - Intersil Corporation

  ISL5961IB Datasheet HTML 1Page - Intersil Corporation ISL5961IB Datasheet HTML 2Page - Intersil Corporation ISL5961IB Datasheet HTML 3Page - Intersil Corporation ISL5961IB Datasheet HTML 4Page - Intersil Corporation ISL5961IB Datasheet HTML 5Page - Intersil Corporation ISL5961IB Datasheet HTML 6Page - Intersil Corporation ISL5961IB Datasheet HTML 7Page - Intersil Corporation ISL5961IB Datasheet HTML 8Page - Intersil Corporation ISL5961IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Typical Applications Circuit
Functional Block Diagram
D11 (3)
D10 (4)
D9 (5)
D8 (6)
D7 (7)
D6 (8)
D5 (9)
D4 (10)
D11
D10
D9
D8
D7
D6
D5
D4
DCOM (26)
CLK (28)
(24) AVDD
(22) IOUTA
(21) IOUTB
(18) FSADJ
(16) REFLO
ISL5961
DVDD (27)
0.1
µF
10
µF
(20) ACOM
50
(15) SLEEP
(17) REFIO
0.1
µF
1.91k
FERRITE
10
µH
(23) COMP
0.1
µF
+
BEAD
RSET
D3
D2
D1
D0
D3 (11)
D2 (12)
D1 (13)
D0 (LSB) (14)
0.1
µF
10
µH
+
BEAD
(25, 19) NC
ACOM
DCOM
10
µF
D13 (1)
D12 (2)
D13
D12
+3.3V (VDD)
50
(50
Ω)
1:1, Z1:Z2
ONE CONNECTION
ANY 50
Ω LOAD
REPRESENTS
UPPER
VOLTAGE
REFERENCE
(LSB) D0
D1
D2
D3
D4
D5
D6
D9
CLK
D7
D8
5-BIT
DECODER
REFIO
CASCODE
CURRENT
SOURCE
SWITCH
MATRIX
BIAS
GENERATION
INT/EXT
40
40
31 MSB
SEGMENTS
9 LSBs
+
COMP
IOUTA
IOUTB
D10
D11
D12
(MSB) D13
INPUT
LATCH
REFLO
FSADJ
SLEEP
ISL5961


Similar Part No. - ISL5961IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5961IB INTERSIL-ISL5961IB Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5961IBZ INTERSIL-ISL5961IBZ Datasheet
664Kb / 14P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5961IBZ RENESAS-ISL5961IBZ Datasheet
966Kb / 14P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results

Similar Description - ISL5961IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5961 RENESAS-ISL5961 Datasheet
966Kb / 14P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5961IBZ INTERSIL-ISL5961IBZ Datasheet
664Kb / 14P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5761 INTERSIL-ISL5761_04 Datasheet
641Kb / 13P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5761IBZ INTERSIL-ISL5761IBZ Datasheet
636Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
667Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5861 INTERSIL-ISL5861_04 Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5829 RENESAS-ISL5829 Datasheet
915Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5629 RENESAS-ISL5629 Datasheet
706Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com