Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5230 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA5230
Description  Low voltage operational amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5230 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA5230 Datasheet HTML 6Page - NXP Semiconductors SA5230 Datasheet HTML 7Page - NXP Semiconductors SA5230 Datasheet HTML 8Page - NXP Semiconductors SA5230 Datasheet HTML 9Page - NXP Semiconductors SA5230 Datasheet HTML 10Page - NXP Semiconductors SA5230 Datasheet HTML 11Page - NXP Semiconductors SA5230 Datasheet HTML 12Page - NXP Semiconductors SA5230 Datasheet HTML 13Page - NXP Semiconductors SA5230 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Philips Semiconductors
Product specification
NE/SA5230
Low voltage operational amplifier
1994 Aug 31
10
The NE5230 circuit shown in Figure 6 is a pseudo transistor
configuration. The inverting input is equivalent to the “base,” the
point where VEE and the non-inverting input meet is the “emitter,”
and the connection after the output diode meets the VCC pin is the
collector. The output diode is essential to keep the output from
saturating in this configuration. From here it can be seen that the
base and emitter form a voltage-follower and the voltage present at
RC must equal the input voltage present at the inverting input. Also,
the emitter and collector form a current-follower and the current
flowing through RC is equivalent to the current through RL and the
amplifier. This sets up the current loop. Therefore, the following
equation can be formulated for the working current transmission line.
The load current is:
IL=VIN/RC
(2)
and proportional to the input voltage for a set RC. Also, the current is
constant no matter what load resistance is used while within the
operating bandwidth range of the op amp. When the NE5230’s
supply voltage falls past a certain point, the current cannot remain
constant. This is the “voltage compliance” and is very good for this
application because of the near rail output voltage. The equation
that determines the voltage compliance as well as the largest
possible load resistor for the NE5230 is as follows:
RL max=[Vremote supply)-VCC min- VIN max]/IL
(3)
Where VCC min is the worst-case power supply voltage
(approximately 1.8V) that will still keep the part operational. As an
example, when using a 15V remote power supply, a current sensing
resistor of 1
Ω, and an input voltage (VIN) of 20mV, the output current
(IL) is 20mA. Furthermore, a load resistance of zero to
approximately 650
Ω can be inserted in the loop without any change
in current when the bias current-control pin is tied to the negative
supply pin. The voltage drop across the load and line resistance will
not affect the NE5230 because it will operate down to 1.8V. With a
15V remote supply, the voltage available at the amplifier is still
enough to power it with the maximum 20mA output into the 650
load.
What this means is that several instruments, such as a chart
recorder, a meter, or a controller, as well as a long cable, can be
connected in series on the loop and still obtain accurate readings if
the total resistance does not exceed 650
Ω. Furthermore, any
variation of resistance in this range will not change the output
current.
Any voltage output type transducer can be used, but one that does
not need external DC voltage or current excitation to limit the
maximum possible load resistance is preferable. Even this problem
can be surmounted if the supply power needed by the transducer is
compatible with the NE5230. The power goes up the line to the
transducer and amplifier while the transducer signal is sent back via
the current output of the NE5230 transconductance configuration.
The voltage range on the input can be changed for transducers that
produce a large output by simply increasing the current sense
resistor to get the corresponding 4 to 20mA output current. If a very
long line is used which causes high line resistance, a current
repeater could be inserted into the line. The same configuration of
Figure 6 can be used with exception of a resistor across the input
and line ground to convert the current back to voltage. Again, the
current sensing resistor will set up the transconductance and the
part will receive power from the line.
TEMPERATURE TRANSDUCER
A variation on the previous circuit makes use of the supply current
control pin. The voltage present at this pin is proportional to absolute
temperature (PTAT) because it is produced by the amplifier bias
current through an internal resistor divider in a PTAT cell. If the
control pin is connected to the input pin, the NE5230 itself can be
used as a temperature transducer. If the center tap of a resistive pot
is connected to the control pin with one side to ground and the other
to the inverting input, the voltage can be changed to give different
temperature versus output current conditions (see Figure 7). For
additional control, the output current is still proportional to the input
voltage differential divided by the current sense resistor.
When using the NE5230 as a temperature transducer, the thermal
considerations in the previous section must be kept in mind.
V
REMOTE
POWER
SUPPLY
NE5230
VCC
VEE
IOUT
3
2
4
5
6
7
+
RC
RL
+
NOTES:
1. IOUT = VIN/RC
2. RL MAX ≈
V
REMOTE *
1.8V
* V
INMAX
I
OUT
For RC = 1Ω
I
OUT
4mA
20mA
V
IN
4mV
20mV
10
200
SL00256
Figure 7. NE5230 Remote Temperature Transducer Utilizing
4-20mA Current Transmission. This Application Shows the use
of the Accessibility of the PTAT Cell in the Device to Make the
Part, Itself, a Transducer


Similar Part No. - SA5230

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA5230 ONSEMI-SA5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230 ONSEMI-SA5230 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230D ONSEMI-SA5230D Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230DG ONSEMI-SA5230DG Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230DG ONSEMI-SA5230DG Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Similar Description - SA5230

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
   Dual Low Voltage Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com