Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84515IB-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL84515IB-T
Description  Low-Voltage, Single Supply, SPST, Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84515IB-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL84515IB-T Datasheet HTML 1Page - Intersil Corporation ISL84515IB-T Datasheet HTML 2Page - Intersil Corporation ISL84515IB-T Datasheet HTML 3Page - Intersil Corporation ISL84515IB-T Datasheet HTML 4Page - Intersil Corporation ISL84515IB-T Datasheet HTML 5Page - Intersil Corporation ISL84515IB-T Datasheet HTML 6Page - Intersil Corporation ISL84515IB-T Datasheet HTML 7Page - Intersil Corporation ISL84515IB-T Datasheet HTML 8Page - Intersil Corporation ISL84515IB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6025.4
ISL84514, ISL84515
Low-Voltage, Single Supply, SPST, Analog
Switches
The Intersil ISL84514 and ISL84515 devices are precision,
analog switches designed to operate from a single +2.4V to
+12V supply. Targeted applications include battery powered
equipment that benefit from the devices’ low power
consumption (5
µW), and low leakage currents (1nA). Low
RON and fast switching speeds over a wide operating supply
range make these switches ideal for use in industrial
equipment, portable instruments, and as input signal
multiplexers for new generation, low supply voltage data
converters. Some of the smallest packages available alleviate
board space limitations, and make Intersil’s newest line of low-
voltage switches an ideal solution for space constrained
products.
The ISL8451X are single-pole/single-throw (SPST) switches,
with the ISL84514 being normally open (NO), and the
ISL84515 being normally closed (NC).
Table 1 summarizes the performance of this family. For higher
performance, pin compatible versions, see the ISL43110,
ISL43111 data sheet. For
±5V supply versions, see the
ISL84516, ISL84517 data sheet.
TABLE 1. FEATURES AT A GLANCE
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• Drop-in Replacements for MAX4514 and MAX4515
• Available in SOT-23 Packaging
• Fully Specified for 5V and 12V Supplies
• Single Supply Operation. . . . . . . . . . . . . . . . . +2.4V to +12V
• ON Resistance (RON Max). . . . . . . . . . . . . 20Ω (V+ = 5V)
10
Ω (V+ = 12V)
•RON Flatness (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3Ω
• Charge Injection (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . 10pC
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . . . .<5µW
• Low Leakage Current (Max at 85oC) . 20nA (Off Leakage)
40nA (On Leakage)
• Fast Switching Action
-tON (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150ns
-tOFF (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100ns
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
Pb-free available
Applications
• Battery Powered, Handheld, and Portable Equipment
• Communications Systems
-Radios
- Telecom Infrustructure
• Test Equipment
- Logic and Spectrum Analyzers
- Portable Meters
• Medical Equipment
- Ultrasound and MRI
- Electrocardiograph
• Audio and Video Switching
• General Purpose Circuits
- +3V/+5V DACs and ADCs
- Sample and Hold Circuits
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits
ISL84514
ISL84515
Number of Switches
1
1
Configuration
NO
NC
3.3V RON
20
20
3.3V tON/tOFF
60ns/30ns
60ns/30ns
5V RON
12
12
5V tON/tOFF
45ns/25ns
45ns/25ns
12V RON
8
8
12V tON/tOFF
40ns/25ns
40ns/25ns
Packages
8 Ld SOIC, 5 Ld SOT-23
Data Sheet
August 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL84515IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84515IB-T INTERSIL-ISL84515IB-T Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
More results

Similar Description - ISL84515IB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
143Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com