Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84515IBZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL84515IBZ-T
Description  Low-Voltage, Single Supply, SPST, Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84515IBZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL84515IBZ-T Datasheet HTML 1Page - Intersil Corporation ISL84515IBZ-T Datasheet HTML 2Page - Intersil Corporation ISL84515IBZ-T Datasheet HTML 3Page - Intersil Corporation ISL84515IBZ-T Datasheet HTML 4Page - Intersil Corporation ISL84515IBZ-T Datasheet HTML 5Page - Intersil Corporation ISL84515IBZ-T Datasheet HTML 6Page - Intersil Corporation ISL84515IBZ-T Datasheet HTML 7Page - Intersil Corporation ISL84515IBZ-T Datasheet HTML 8Page - Intersil Corporation ISL84515IBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Truth Table
Pin Description
Ordering Information
Pinouts (Note 1)
ISL84514 (SOIC)
TOP VIEW
ISL84514 (SOT-23)
TOP VIEW
ISL84515 (SOIC)
TOP VIEW
ISL84515 (SOT-23)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
COM
GND
V+
NO
IN
6
7
8
5
1
2
3
4
N.C.
N.C.
N.C.
4
5
1
2
3
COM
V+
GND
NO
IN
COM
GND
V+
NC
IN
6
7
8
5
1
2
3
4
N.C.
N.C.
N.C.
4
5
1
2
3
COM
V+
GND
NC
IN
LOGIC
ISL84514
ISL84515
0OFF
ON
1ON
OFF
NOTE:
Logic “0”
≤ 0.8V. Logic “1” ≥ 2.4V.
PIN
FUNCTION
V+
System Power Supply Input (+2.4V to +12V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
PART NO.
(BRAND)
TEMP.
RANGE
(oC)
PACKAGE
PKG.
DWG. #
ISL84514IB
-40 to 85
8 Ld SOIC
M8.15
ISL84514IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL84514IB-T
8 Ld SOIC Tape and Reel
M8.15
ISL84514IBZ-T (Note) 8 Ld SOIC Tape and Reel (Pb-free) M8.15
ISL84514IH-T
(514I)
5 Ld SOT-23, Tape and Reel
P5.064
ISL84514IHZ-T
(514I) (Note)
5 Ld SOT-23, Tape and Reel
(Pb-free)
P5.064
ISL84515IB
-40 to 85
8 Ld SOIC
M8.15
ISL84515IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL84515IB-T
8 Ld SOIC Tape and Reel
M8.15
ISL84515IBZ-T (Note) 8 Ld SOIC Tape and Reel (Pb-free) M8.15
ISL84515IH-T
(515I)
5 Ld SOT-23, Tape and Reel
P5.064
ISL84515IHZ-T
(515I) (Note)
5 Ld SOT-23, Tape and Reel
(Pb-free)
P5.064
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which is compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J Std-020B.
ISL84514, ISL84515


Similar Part No. - ISL84515IBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84515IBZ-T RENESAS-ISL84515IBZ-T Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
More results

Similar Description - ISL84515IBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
143Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com