Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5205AN Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA5205AN
Description  Wide-band high-frequency amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5205AN Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA5205AN Datasheet HTML 5Page - NXP Semiconductors SA5205AN Datasheet HTML 6Page - NXP Semiconductors SA5205AN Datasheet HTML 7Page - NXP Semiconductors SA5205AN Datasheet HTML 8Page - NXP Semiconductors SA5205AN Datasheet HTML 9Page - NXP Semiconductors SA5205AN Datasheet HTML 10Page - NXP Semiconductors SA5205AN Datasheet HTML 11Page - NXP Semiconductors SA5205AN Datasheet HTML 12Page - NXP Semiconductors SA5205AN Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
NE/SA/SE5205A
Wide-band high-frequency amplifier
1992 Feb 24
9
40
35
30
25
20
15
10
1012
4
6
8 1022
4
6 8 103
OUTPUT
INPUT
FREQUENCY—MHz
VCC = 6V
ZO = 50Ω
TA = 25
oC
VCC = 6V
ZO = 50Ω
TA = 25
oC
10
–15
–20
–25
–30
FREQUENCY—MHz
1012
4
6 8 1022
4
6
8 103
50
Ω System
75
Ω System
a. Insertion Gain vs Frequency (S21)
b. Insertion Gain vs Frequency (S21)
c. Isolation vs Frequency (S12)
d. S12 Isolation vs Frequency
e. Input (S11) and Output (S22) Return Loss
vs Frequency
f. Input (S11) and Output (S22) Return Loss
vs Frequency
ZO = 75Ω
TA = 25
oC
VCC = 6V
10
–15
–20
–25
–30
FREQUENCY—MHz
8
1012
4
6
1022
4
6 8 103
VCC = 6V
ZO = 75Ω
TA = 25
oC
OUTPUT
INPUT
40
35
30
25
20
15
10
FREQUENCY—MHz
1012
4
6
8 1022
4
6
8 103
25
20
15
10
1012
4
6
8
2
4
6
8
102
103
vcc = 8v
vcc = 7v
vcc = 6v
vcc = 5v
FREQUENCY—MHz
15
10
25
20
ZO = 75Ω
TA = 25
oC
vcc = 8v
vcc = 7v
vcc = 6v
vcc = 5v
FREQUENCY—MHz
ZO = 50Ω
TA = 25
oC
1012
4
6
8
2
4
6
8
102
103
SR00234
Figure 20.


Similar Part No. - SA5205AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5205A PHILIPS-SA5205A Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5205AD PHILIPS-SA5205AD Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
More results

Similar Description - SA5205AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5205A PHILIPS-SA5205A Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
NE5204A PHILIPS-NE5204A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
logo
Toshiba Semiconductor
2SC1199 TOSHIBA-2SC1199 Datasheet
65Kb / 2P
   HIGH FREQUENCY WIDE BAND AMPLIFIER APPLICATIONS.
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
NEC
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
   WIDE-BAND AMPLIFIER
logo
Mini-Circuits
SIM-83 MINI-SIM-83 Datasheet
275Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-80H MINI-MCA1-80H Datasheet
162Kb / 2P
   Frequency Mixer WIDE BAND
MCA-50MH MINI-MCA-50MH Datasheet
211Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-12GL MINI-MCA1-12GL Datasheet
171Kb / 2P
   Frequency Mixer WIDE BAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com