Electronic Components Datasheet Search |
|
ISL5585FCM Datasheet(PDF) 8 Page - Intersil Corporation |
|
ISL5585FCM Datasheet(HTML) 8 Page - Intersil Corporation |
8 / 24 page 8 Power Denial, BSEL=0 or 1 ICC -4.0 6.0 mA IBL -0.4 1.0 IBH -0.4 0.6 mA ON HOOK POWER DISSIPATION (Note 7) Forward or Reverse VBL=-24V - 55 - mW Low Power Standby VBH=-100V - 85 - mW VBH=-85V - 75 - mW VBH=-75V - 65 - mW Ringing VBH=-100V - 250 - mW VBH=-85V - 230 - mW VBH=-75V - 225 - mW OFF HOOK POWER DISSIPATION (Note 7) Forward or Reverse VB =-24V - 305 - mW POWER SUPPLY REJECTION RATIO VCC to 2-Wire f=300Hz - 40 - dB f=1kHz - 35 - dB f=3.4kHz - 28 - dB VCC to 4-Wire f=300Hz - 45 - dB f=1kHz - 43 - dB f=3.4kHz - 33 - dB VBL to 2-Wire 300Hz ≤ f ≤ 3.4kHz - 30 - dB VBL to 4-Wire 300Hz ≤ f ≤ 3.4kHz - 35 - dB VBH to 2-Wire 300Hz ≤ f ≤ 3.4kHz - 33 - dB VBH to 4-Wire 300Hz ≤ f ≤ 1kHz - 40 - dB 1kHz < f ≤ 3.4kHz - 45 - dB NOTES: 3. These parameters are controlled via design or process parameters and are not directly tested. These parameters are characterized upon initial design release and upon design changes which would affect these characteristics. 4. Differential Ringing Gain is measured with VRS = 0.795VRMS for -100V devices, VRS = 0.663 VRMS for -85V devices and VRS = 0.575VRMS for -75V devices. 5. Longitudinal Balance is tested per IEEE455-1985, with 368 Ω per Tip and Ring terminal. 6. These parameters are tested 100% at room temperature. These parameters are guaranteed not tested across temperature via statistical characterization and design. 7. The power dissipation is based on actual device measurements and will be less than worst case calculations based on data sheet supply current limits. 8. Characterized with 2 x 10 µs, and 10 x 1000µs first level lightning surge waveforms (GR-1089-CORE) 9. For Unbalanced Ringing the Tip terminal is offset to 0V and the Ring terminal is centered at Vbh/2 + 0.5V. Electrical Specifications Unless Otherwise Specified, TA = -40°C to 85°C for industrial (I) grade and TA = 0°C to 85°C for commercial (C) grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +3.3V, AGND = BGND = 0V, loop current limit = 25mA. All AC transmission parameters are specified at 600W 2-wire terminating impedance over the frequency band of 300Hz to 3.4kHz. Protection resistors = 0W. (Continued) PARAMETER TEST CONDITIONS MIN TYP MAX UNITS ISL5585 |
Similar Part No. - ISL5585FCM |
|
Similar Description - ISL5585FCM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |