Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84517IH-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL84517IH-T
Description  Low-Voltage, Dual Supply, SPST, Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84517IH-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL84517IH-T Datasheet HTML 1Page - Intersil Corporation ISL84517IH-T Datasheet HTML 2Page - Intersil Corporation ISL84517IH-T Datasheet HTML 3Page - Intersil Corporation ISL84517IH-T Datasheet HTML 4Page - Intersil Corporation ISL84517IH-T Datasheet HTML 5Page - Intersil Corporation ISL84517IH-T Datasheet HTML 6Page - Intersil Corporation ISL84517IH-T Datasheet HTML 7Page - Intersil Corporation ISL84517IH-T Datasheet HTML 8Page - Intersil Corporation ISL84517IH-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
±1.5
-
±6V
Positive Supply Current, I+
VS = ±5.5V, VIN = 0V or V+, Switch On or Off
25
-
40
125
µA
Full
-
-
200
µA
Negative Supply Current, I-
VS = ±5.5V, VIN = 0V or V+, Switch On or Off
25
-125
30
-
µA
Full
-200
-
-
µA
NOTES:
4. VIN = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25oC.
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
CL includes fixture and stray capacitance.
FIGURE 1. SWITCHING TIMES
FIGURE 2. CHARGE INJECTION
Electrical Specifications -
±5V Supply Test Conditions: V
SUPPLY = ±4.5V to ±5.5V, VINH = 3.5V, VINL = 1.5V (Note 4),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
50%
tr < 20ns
tf < 20ns
tOFF
90%
V+
0V
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
FIGURE 1A. MEASUREMENT POINTS
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
300
35pF
V+
C
C
V-
FIGURE 1B. TEST CIRCUIT
V
OUT
V
(NO or NC)
R
L
R
L
R
ON
()
+
------------------------------
=
VOUT
∆VOUT
ON
OFF
ON
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
FIGURE 2A. MEASUREMENT POINTS
CL
VOUT
RG
VG
COM
NO or NC
V+
C
LOGIC
INPUT
IN
V-
C
FIGURE 2B. TEST CIRCUIT
ISL84516, ISL84517


Similar Part No. - ISL84517IH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84517IH-T INTERSIL-ISL84517IH-T Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84517IH-T RENESAS-ISL84517IH-T Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
More results

Similar Description - ISL84517IH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com