Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84523IBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL84523IBZ
Description  Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84523IBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL84523IBZ Datasheet HTML 1Page - Intersil Corporation ISL84523IBZ Datasheet HTML 2Page - Intersil Corporation ISL84523IBZ Datasheet HTML 3Page - Intersil Corporation ISL84523IBZ Datasheet HTML 4Page - Intersil Corporation ISL84523IBZ Datasheet HTML 5Page - Intersil Corporation ISL84523IBZ Datasheet HTML 6Page - Intersil Corporation ISL84523IBZ Datasheet HTML 7Page - Intersil Corporation ISL84523IBZ Datasheet HTML 8Page - Intersil Corporation ISL84523IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6031.3
ISL84521, ISL84522, ISL84523
Low-Voltage, Single and Dual Supply,
Quad SPST, Analog Switches
The Intersil ISL84521, ISL84523, ISL84523 devices are
CMOS, precision, quad analog switches designed to operate
from a single +2V to +12V supply or from a ±2V to ±6V supply.
Targeted applications include battery powered equipment that
benefit from the devices’ low power consumption (<1
µW), low
leakage currents (1nA max), and fast switching speeds
(tON = 45ns, tOFF = 15ns). A12Ω maximum RON flatness
ensures signal fidelity, while channel-to-channel mismatch is
guaranteed to be less than 4
Ω.
The ISL84521, ISL84522, ISL84523 are quad
single-pole/ single-throw (SPST) devices. The ISL84521 has
four normally closed (NC) switches; the ISL84522 has four
normally open (NO) switches; the ISL84523 has two NO and
two NC switches and can be used as a dual SPDT, or a dual
2:1 multiplexer.
Table summarizes the performance of this family. For higher
performance, pin compatible versions and 3mm x 3mm Quad
No-Lead Flatpack (QFN) package see the ISL43140,
ISL43142 data sheet.
Features
• Drop-in Replacements for MAX4521 - MAX4523
• Four Separately Controlled SPST Switches
• Pin Compatible with DG411, DG412, DG413
• ON Resistance (RON Max.) . . . . . . . . . . . . . . . . . . . 100Ω
•RON Matching Between Channels. . . . . . . . . . . . . . . . . .<1Ω
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . . . .<1µW
• Low Leakage Current (Max at 85oC) . . . . . . . . . . . . 10nA
• Fast Switching Action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15ns
• Break before Make Timing
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
Pb-free available
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Communications Systems
- Military Radios
- RF “Tee” Switches
• Test Equipment
- Ultrasound
- Electrocardiograph
• Heads-Up Displays
• Audio and Video Switching
• General Purpose Circuits
- +3V/+5V DACs and ADCs
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
TABLE 1. FEATURES AT A GLANCE
ISL84521
ISL84522
ISL84523
Number of Switches
4
4
4
Configuration
All NC
All NO
2 NC/2 NO
±5V RON
65
65
65
±5V tON/tOFF
45ns/15ns
45ns/15ns
45ns/15ns
5V RON
125
125
125
5V tON/tOFF
60ns/20ns
60ns/20ns
60ns/20ns
3V RON
260
260
260
3V tON/tOFF
120ns/40ns
120ns/40ns
120ns/40ns
Packages
16 Ld SOIC (N), 16 Ld TSSOP
Data Sheet
August 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL84523IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84523IBZ INTERSIL-ISL84523IBZ Datasheet
388Kb / 13P
   Low-Voltage, Single and Dual Supply,Quad SPST, Analog Switches
August 10, 2015
logo
Renesas Technology Corp
ISL84523IBZ RENESAS-ISL84523IBZ Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results

Similar Description - ISL84523IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL8391 INTERSIL-ISL8391 Datasheet
337Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391 INTERSIL-ISL8391_04 Datasheet
341Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL8391 RENESAS-ISL8391 Datasheet
649Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL84521IBZ INTERSIL-ISL84521IBZ Datasheet
388Kb / 13P
   Low-Voltage, Single and Dual Supply,Quad SPST, Analog Switches
August 10, 2015
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com