Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM1200 Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMM1200
Description  2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1200 Datasheet(HTML) 5 Page - Mimix Broadband

  CMM1200 Datasheet HTML 1Page - Mimix Broadband CMM1200 Datasheet HTML 2Page - Mimix Broadband CMM1200 Datasheet HTML 3Page - Mimix Broadband CMM1200 Datasheet HTML 4Page - Mimix Broadband CMM1200 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ordering Information
The CMM1200-BD is available in bare die and is shipped in Gel Pak.
Part Number for Ordering
Package
e
i
D
e
r
a
B
D
B
-
0
0
2
1
M
M
C
Assembly Example
2.0-6.0 GHz GaAs MMIC
Low Noise Amplifier
Page 5 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM1200
August 2006 - Rev 02-Aug-06


Similar Part No. - CMM1200

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1200-BD MIMIX-CMM1200-BD Datasheet
1,016Kb / 6P
   2.0 to 6.0 GHz GaAs MMIC Low-Noise Amplifer
CMM1200-BD MIMIX-CMM1200-BD Datasheet
452Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200-BD-000V MIMIX-CMM1200-BD-000V Datasheet
452Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
More results

Similar Description - CMM1200

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
   2.0-6.0 GHz GaAs MMIC Amplifier
CMM-2 MIMIX-CMM-2 Datasheet
446Kb / 4P
   2.0-6.0 GHz GaAs MMIC Amplifier
CMM1200-BD MIMIX-CMM1200-BD Datasheet
1,016Kb / 6P
   2.0 to 6.0 GHz GaAs MMIC Low-Noise Amplifer
logo
Hittite Microwave Corpo...
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
HMC320MS8G HITTITE-HMC320MS8G Datasheet
236Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
logo
List of Unclassifed Man...
CMM-2 ETC1-CMM-2 Datasheet
485Kb / 4P
   2.0 TO 6.0 GHz GaAs MMIC AMPLIFIER
logo
Mimix Broadband
CMM1100 MIMIX-CMM1100 Datasheet
444Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110 MIMIX-CMM1110 Datasheet
398Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com