Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43145IV Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL43145IV
Description  Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43145IV Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL43145IV Datasheet HTML 3Page - Intersil Corporation ISL43145IV Datasheet HTML 4Page - Intersil Corporation ISL43145IV Datasheet HTML 5Page - Intersil Corporation ISL43145IV Datasheet HTML 6Page - Intersil Corporation ISL43145IV Datasheet HTML 7Page - Intersil Corporation ISL43145IV Datasheet HTML 8Page - Intersil Corporation ISL43145IV Datasheet HTML 9Page - Intersil Corporation ISL43145IV Datasheet HTML 10Page - Intersil Corporation ISL43145IV Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6037.3
December 1, 2005
OFF Isolation
RL = 50Ω, CL = 15pF, f = 1MHz,
VNO or VNC = 1VRMS, See Figures 4 and 6
25
-
71
-
dB
Crosstalk, Note 9
25
-
-89
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
58
-
dB
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+, Switch On or Off
25
-1
0.01
1
µA
Full
-1
-
1
µA
Negative Supply Current, I-
25
-1
0.01
1
µA
Full
-1
-
1
µA
Electrical Specifications: 12V Supply
Test Conditions: V+ = +10.8V to +13.2V, V- = GND = 0V, VINH = 3.0V, VINL = 0.8V
(Note 5), Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 6)
TYP
MAX
(NOTE 6)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 10.8V, ICOM = 1.0mA, VNO or VNC = 9V
See Figure 5
25
-
14
20
Full
-
-
30
RON Matching Between Channels,
∆RON
V+ = 10.8V, ICOM = 1.0mA, VNO or VNC = 9V
25
-
0.3
2
Full
-
-
4
RON Flatness, RFLAT(ON)
V+ = 13.2V, ICOM = 1.0mA, VNO or VNC = 3V, 6V, 9V,
Note 8
25
-
1.7
2
Full
-
-
3
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 13V, VCOM = 1V, 12V, VNO or VNC = 12V, 1V,
Note 7
25
-0.1
-
0.1
nA
Full
-2.5
-
2.5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 13V, VCOM = 1V, 12V, VNO or VNC = 12V, 1V,
Note 7
25
-0.1
-
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 13V, VCOM = VNO or VNC = 1V, 12V, Note 7
25
-0.2
-
0.2
nA
Full
-5
-
5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
3.2
2.8
-
V
Input Voltage Low, VINL
Full
-
2.2
0.8
V
Input Current, IINH, IINL
V+ = 13V, VIN = 0V or V+
Full
-1
-
1
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 10.8V, VNO or VNC = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 1
25
-
40
50
ns
Full
-
-
83
ns
Turn-OFF Time, tOFF
V+ = 10.8V, VNO or VNC = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 1
25
-
27
35
ns
Full
-
-
40
ns
Break-Before-Make Time Delay
(ISL43145 only), tD
V+ = 13.2V, VNO or VNC = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 3
Full
5
20
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, See Figure 2
25
-
12
14
pC
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
10
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
26
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
34
-
pF
OFF Isolation
RL = 50Ω, CL = 15pF, f = 1MHz,
VNO or VNC = 1VRMS, See Figures 4 and 6
25
-
71
-
dB
Crosstalk, Note 9
25
-
-89
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
58
-
dB
Electrical Specifications: 3.3V Supply
Test Conditions: V+ = +3.0V to +3.6V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 6)
TYP
MAX
(NOTE 6)UNITS
ISL43143, ISL43144, ISL43145


Similar Part No. - ISL43145IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43145IV INTERSIL-ISL43145IV Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43145IV INTERSIL-ISL43145IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
logo
Renesas Technology Corp
ISL43145IV RENESAS-ISL43145IV Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43145IVZ INTERSIL-ISL43145IVZ Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
logo
Renesas Technology Corp
ISL43145IVZ RENESAS-ISL43145IVZ Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results

Similar Description - ISL43145IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com