Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84051 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL84051
Description  Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84051 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL84051 Datasheet HTML 1Page - Intersil Corporation ISL84051 Datasheet HTML 2Page - Intersil Corporation ISL84051 Datasheet HTML 3Page - Intersil Corporation ISL84051 Datasheet HTML 4Page - Intersil Corporation ISL84051 Datasheet HTML 5Page - Intersil Corporation ISL84051 Datasheet HTML 6Page - Intersil Corporation ISL84051 Datasheet HTML 7Page - Intersil Corporation ISL84051 Datasheet HTML 8Page - Intersil Corporation ISL84051 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN6047.7
March 15, 2007
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL84051IB*
84051IB
-40 to +85
16 Ld SOIC
M16.15
ISL84051IBZ*
(Note)
84051IBZ
-40 to +85
16 Ld SOIC
(Pb-free)
M16.15
ISL84051IA*
84051 IA
-40 to +85
16 Ld SSOP
M16.15A
ISL84051IAZ*
(Note)
84051 IAZ
-40 to +85
16 Ld SSOP
(Pb-free)
M16.15A
ISL84051IVZ*
(Note)
84051 IVZ
-40 to +85
16 Ld TSSOP
(Pb-free)
M16.173
ISL84052IB*
84052IB
-40 to +85
16 Ld SOIC
M16.15
ISL84052IBZ*
(Note)
84052IBZ
-40 to +85
16 Ld SOIC
(Pb-free)
M16.15
ISL84052IA*
84052 IA
-40 to +85
16 Ld SSOP
M16.15A
ISL84052IAZ*
(Note)
84052 IAZ
-40 to +85
16 Ld SSOP
(Pb-free)
M16.15A
ISL84052IVZ*
(Note)
84052IVZ
-40 to +85
16 Ld TSSOP
(Pb-free)
M16.173
ISL84053IB*
84053IB
-40 to +85
16 Ld SOIC
M16.15
ISL84053IBZ*
(Note)
84053IBZ
-40 to +85
16 Ld SOIC
(Pb-free)
M16.15
ISL84053IA*
84053 IA
-40 to +85
16 Ld SSOP
M16.15A
ISL84053IAZ*
(Note)
84053 IAZ
-40 to +85
16 Ld SSOP
(Pb-free)
M16.15A
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Pin Description
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND for
Single Supply Configurations.
GND
Ground Connection
INH
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
ADD
Address Input Pin
Truth Tables
ISL84051
INH
ADDC
ADDB
ADDA
SWITCH
ON
1
X
X
X
None
00
0
0
NO0
00
0
1
NO1
00
1
0
NO2
00
1
1
NO3
01
0
0
NO4
01
0
1
NO5
01
1
0
NO6
01
1
1
NO7
ISL84052
INH
ADDB
ADDA
SWITCH ON
1
X
X
None
000
NO0
001
NO1
010
NO2
011
NO3
ISL84053
INH
ADDC
ADDB
ADDA
SWITCH ON
1
X
X
X
None
0X
X
0
NCA
0X
X
1
NOA
0X
0
X
NCB
0X
1
X
NOB
00
X
X
NCC
01
X
X
NOC
NOTE:
Logic “0”
≤0.8V. Logic “1” ≥2.4V, with V+ between 2.7V and
10V. X = Don’t Care.
ISL84051, ISL84052, ISL84053


Similar Part No. - ISL84051

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84051 INTERSIL-ISL84051 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84051 INTERSIL-ISL84051 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL84051 INTERSIL-ISL84051 Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results

Similar Description - ISL84051

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com