Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8487IP Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8487IP
Description  1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8487IP Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8487IP Datasheet HTML 5Page - Intersil Corporation ISL8487IP Datasheet HTML 6Page - Intersil Corporation ISL8487IP Datasheet HTML 7Page - Intersil Corporation ISL8487IP Datasheet HTML 8Page - Intersil Corporation ISL8487IP Datasheet HTML 9Page - Intersil Corporation ISL8487IP Datasheet HTML 10Page - Intersil Corporation ISL8487IP Datasheet HTML 11Page - Intersil Corporation ISL8487IP Datasheet HTML 12Page - Intersil Corporation ISL8487IP Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6050.7
July 31, 2006
250kbps versions can operate at full data rates with lengths
in excess of 1000’.
Twisted pair is the cable of choice for RS-485/RS-422
networks. Twisted pair cables tend to pick up noise and
other electromagnetically induced voltages as common
mode signals, which are effectively rejected by the
differential receivers in these ICs.
To minimize reflections, proper termination is imperative
when using the 5Mbps device. Short networks using the
250kbps versions need not be terminated, but, terminations
are recommended unless power dissipation is an overriding
concern.
In point-to-point, or point-to-multipoint (single driver on bus)
networks, the main cable should be terminated in its
characteristic impedance (typically 120
Ω) at the end farthest
from the driver. In multi-receiver applications, stubs
connecting receivers to the main cable should be kept as
short as possible. Multipoint (multi-driver) systems require
that the main cable be terminated in its characteristic
impedance at both ends. Stubs connecting a transceiver to
the main cable should be kept as short as possible.
Built-In Driver Overload Protection
As stated previously, the RS-485 spec requires that drivers
survive worst case bus contentions undamaged. These
devices meet this requirement via driver output short circuit
current limits, and on-chip thermal shutdown circuitry.
The driver output stages incorporate short circuit current
limiting circuitry which ensures that the output current never
exceeds the RS-485 spec, even at the common mode
voltage range extremes. Additionally, these devices utilize a
foldback circuit which reduces the short circuit current, and
thus the power dissipation, whenever the contending voltage
exceeds either supply.
In the event of a major short circuit condition, these devices
also include a thermal shutdown feature that disables the
drivers whenever the die temperature becomes excessive.
This eliminates the power dissipation, allowing the die to
cool. The drivers automatically re-enable after the die
temperature drops about 15 degrees. If the contention
persists, the thermal shutdown/re-enable cycle repeats until
the fault is cleared. Receivers stay operational during
thermal shutdown.
Low Power Shutdown Mode (Excluding ISL81487)
These CMOS transceivers all use a fraction of the power
required by their bipolar counterparts, but the ISL8487 and
ISL81483 include a shutdown feature that reduces the
already low quiescent ICC to a 500nA trickle. They enter
shutdown whenever the receiver and driver are
simultaneously disabled (RE =VCC and DE = GND) for a
period of at least 600ns. Disabling both the driver and the
receiver for less than 50ns guarantees that shutdown is not
entered.
Note that receiver and driver enable times increase when
enabling from shutdown. Refer to Notes 5-9, at the end of
the Electrical Specification table, for more information.
Typical Performance Curves VCC = 5V, TA = 25°C, ISL8487, ISL81483 and ISL81487; Unless Otherwise Specified
FIGURE 6. DRIVER OUTPUT CURRENT vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 7. DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs
TEMPERATURE
DIFFERENTIAL OUTPUT VOLTAGE (V)
0123
45
0
10
20
30
40
50
60
70
80
90
-40
0
50
85
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
TEMPERATURE (°C)
-25
25
75
RDIFF = 54Ω
RDIFF = 100Ω
ISL8487, ISL81483, ISL81487


Similar Part No. - ISL8487IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8487IP INTERSIL-ISL8487IP Datasheet
430Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487IPZ RENESAS-ISL8487IPZ Datasheet
749Kb / 14P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8487IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
430Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487 RENESAS-ISL8487 Datasheet
749Kb / 14P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com