Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84052IAZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL84052IAZ
Description  Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84052IAZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL84052IAZ Datasheet HTML 5Page - Intersil Corporation ISL84052IAZ Datasheet HTML 6Page - Intersil Corporation ISL84052IAZ Datasheet HTML 7Page - Intersil Corporation ISL84052IAZ Datasheet HTML 8Page - Intersil Corporation ISL84052IAZ Datasheet HTML 9Page - Intersil Corporation ISL84052IAZ Datasheet HTML 10Page - Intersil Corporation ISL84052IAZ Datasheet HTML 11Page - Intersil Corporation ISL84052IAZ Datasheet HTML 12Page - Intersil Corporation ISL84052IAZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN6047.7
March 15, 2007
FIGURE 1C. ADDRESS tTRANS MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 1D. ADDRESS tTRANS TEST CIRCUIT
FIGURE 1. SWITCHING TIMES (Continued)
Test Circuits and Waveforms (Continued)
50%
tr < 20ns
tf < 20ns
tTRANS
90%
3V
VNOX
0V
tTRANS
LOGIC
INPUT
SWITCH
OUTPUT
10%
VOUT
0V
VNOX
Logic input waveform is inverted for switches that have the opposite
logic sense.
V
OUT
V
(NO or NC)
R
L
R
L
r
ON
+
------------------------
=
LOGIC
INPUT
VOUT
RL
COM
NO0
ADDA-C
300
Ω
35pF
GND
NO1-NO6
CL
V+
INH
C
LOGIC
INPUT
VOUT
RL
COMX
NCX
ADDX
300
Ω
35pF
GND
NOX
CL
V+
INH
C
ISL84051
ISL84053
V-
C
V+
C
V-
C
V+
C
NO7
V-
C
LOGIC
INPUT
VOUT
RL
COM
NO0
ADDA-B
300
Ω
35pF
GND
NO1-NO2
CL
V+
INH
C
ISL84052
V-
C
V+
C
NO3
V-
C
V-
C
ISL84051, ISL84052, ISL84053


Similar Part No. - ISL84052IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84052IAZ INTERSIL-ISL84052IAZ Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84052IAZ INTERSIL-ISL84052IAZ Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84052IAZ RENESAS-ISL84052IAZ Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results

Similar Description - ISL84052IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com