Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C11 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # BZX55C11
Description  Zeners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX55C11 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  BZX55C11 Datasheet HTML 1Page - Fairchild Semiconductor BZX55C11 Datasheet HTML 2Page - Fairchild Semiconductor BZX55C11 Datasheet HTML 3Page - Fairchild Semiconductor BZX55C11 Datasheet HTML 4Page - Fairchild Semiconductor BZX55C11 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.fairchildsemi.com
BZX55C2V4 - BZX55C91 Rev. C1
Top Mark Information (Continued)
General Requirements:
1.0 Cathod Band
2.0 First Line: F - Fairchild Logo
3.0 Second Line: Device name - For 1Nxx series: 3rd to 5th characters of the device name.
For BZxx series: 4th to 6th characters of the device name.
4.0 Third Line: Device name - For 1Nxx series: 6th to 7th characters of the device name.
For BZXyy series: Voltage rating
5.0 Fourth Line: XY or XYL - Two Digit - Six Weeks Date Code
Where: X represents the last digit of the calendar year
Y represents the Six weeks numeric code
L represents the Large die identification
6.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec).
7.0 Maximum no. of marking lines: 4
8.0 Maximum no. of digits per line: 3
9.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line.
10.0 Marking Font: Arial (Except FSC Logo)
11.0 First character of each marking line must be aligned vertically
F
522
9B
XY
1st line: F - Fairchild Logo
2nd line: Device Name - 3rd to 5th characters of the device name.
or 4th to 6th characters for BZXyy series
3rd line: Device Name - 6th to 7th characters of the device name.
or Voltage rating for BZXyy series
4th line: Device Code or - Two Digit - Six Weeks Date Code.
Date code plus or Two Digit - Six Weeks Date Code
Large die identification plus Large die identification, “L”


Similar Part No. - BZX55C11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C11 VISHAY-BZX55C11 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Continental Device Indi...
BZX55C11 CDIL-BZX55C11 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C11 VISHAY-BZX55C11 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Zibo Seno Electronic En...
BZX55C11 ZSELEC-BZX55C11 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C11 LUGUANG-BZX55C11 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com