Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83488IBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL83488IBZ
Description  3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83488IBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL83488IBZ Datasheet HTML 1Page - Intersil Corporation ISL83488IBZ Datasheet HTML 2Page - Intersil Corporation ISL83488IBZ Datasheet HTML 3Page - Intersil Corporation ISL83488IBZ Datasheet HTML 4Page - Intersil Corporation ISL83488IBZ Datasheet HTML 5Page - Intersil Corporation ISL83488IBZ Datasheet HTML 6Page - Intersil Corporation ISL83488IBZ Datasheet HTML 7Page - Intersil Corporation ISL83488IBZ Datasheet HTML 8Page - Intersil Corporation ISL83488IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Pinouts
ISL83483, ISL83485 (PDIP, SOIC)
TOP VIEW
ISL83488, ISL83490 (PDIP, SOIC)
TOP VIEW
ISL83491 (PDIP, SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
VCC
RO
DI
GND
1
2
3
4
8
7
6
5
A
B
Z
Y
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
VCC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG. DWG. #
ISL83483IB*
(83483IB)
-40 to 85
8 Ld SOIC
M8.15
ISL83483IBZ*
(83483IB) (Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL83483IP
-40 to 85
8 Ld PDIP
E8.3
ISL83485IB*
(83485IB)
-40 to 85
8 Ld SOIC
M8.15
ISL83485IBZ*
(83485IB) (Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL83485IP
-40 to 85
8 Ld PDIP
E8.3
ISL83488IB*
(83488IB)
-40 to 85
8 Ld SOIC
M8.15
ISL83488IBZ*
(83488IB) (Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL83488IP
-40 to 85
8 Ld PDIP
E8.3
ISL83490IB*
(83490IB)
-40 to 85
8 Ld SOIC
M8.15
ISL83490IBZ*
(83490IB) (Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL83490IP
-40 to 85
8 Ld PDIP
E8.3
ISL83491IB*
-40 to 85
14 Ld SOIC
M14.15
ISL83491IBZ*
(Note)
-40 to 85
14 Ld SOIC
(Pb-free)
M14.15
ISL83491IP
-40 to 85
14 Ld PDIP
E14.3
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
1
0
X
High-Z *
High-Z *
NOTE: *Shutdown Mode for ISL83483, ISL83485, ISL83491
RECEIVING
INPUTS
OUTPUT
RE
DE
Half Duplex
DE
Full Duplex
A-B
RO
00
X
≥ +0.2V
1
00
X
≤ -0.2V
0
0
0
X
Inputs Open
1
100
X
High-Z *
111
X
High-Z
NOTE: *Shutdown Mode for ISL83483, ISL83485, ISL83491
ISL83483, ISL83485, ISL83488, ISL83490, ISL83491


Similar Part No. - ISL83488IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83488IBZ RENESAS-ISL83488IBZ Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83488IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83491IBZ-T INTERSIL-ISL83491IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83483 RENESAS-ISL83483 Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com