Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8491IB Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8491IB
Description  5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8491IB Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8491IB Datasheet HTML 4Page - Intersil Corporation ISL8491IB Datasheet HTML 5Page - Intersil Corporation ISL8491IB Datasheet HTML 6Page - Intersil Corporation ISL8491IB Datasheet HTML 7Page - Intersil Corporation ISL8491IB Datasheet HTML 8Page - Intersil Corporation ISL8491IB Datasheet HTML 9Page - Intersil Corporation ISL8491IB Datasheet HTML 10Page - Intersil Corporation ISL8491IB Datasheet HTML 11Page - Intersil Corporation ISL8491IB Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN6046.8
February 28, 2006
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. DRIVER ENABLE AND DISABLE TIMES (EXCLUDING ISL8488, ISL8490)
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. RECEIVER PROPAGATION DELAY
Test Circuits and Waveforms (Continued)
D
DE
DI
VCC
SIGNAL
GENERATOR
CL = 100pF
RDIFF
Z
Y
CL = 100pF
OUT (Y)
3V
0V
tPLH
1.5V
1.5V
VOH
VOL
50%
50%
tPHL
OUT (Z)
tPHL
VOH
VOL
50%
50%
tPLH
DIFF OUT (Y - Z)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DI
SKEW = |tPLH (Y or Z) - tPHL (Z or Y)|
D
DE
DI
CL
500
Z
Y
VCC
GND
SW
(SHDN) for ISL8483 only
PARAMETER OUTPUT
RE
DI
SW
CL (pF)
tHZ
Y/Z
X
1/0
GND
15
tLZ
Y/Z
X
0/1
VCC
15
tZH
Y/Z
0 (Note 5)
1/0
GND
100
tZL
Y/Z
0 (Note 5)
0/1
VCC
100
tZH(SHDN)
Y/Z
1 (Note 8)
1/0
GND
100
tZL(SHDN)
Y/Z
1 (Note 8)
0/1
VCC
100
SIGNAL
GENERATOR
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
2.3V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
2.3V
VOL + 0.5V
tLZ
DE
OUTPUT HIGH
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
NOTE 7
NOTE 7
NOTE 7
SIGNAL
GENERATOR
R
RO
RE
A
B
+1.5V
15pF
RO
3V
0V
tPLH
1.5V
1.5V
VCC
0V
50%
50%
tPHL
A
ISL8483, ISL8485, ISL8488, ISL8489, ISL8490, ISL8491


Similar Part No. - ISL8491IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8491IB INTERSIL-ISL8491IB Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8491IB-T INTERSIL-ISL8491IB-T Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8491IBZ RENESAS-ISL8491IBZ Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8491IBZ-T RENESAS-ISL8491IBZ-T Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8491IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83491IBZ-T INTERSIL-ISL83491IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83483 INTERSIL-ISL83483_04 Datasheet
541Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83483 RENESAS-ISL83483 Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com