Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83491IBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL83491IBZ
Description  3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83491IBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL83491IBZ Datasheet HTML 3Page - Intersil Corporation ISL83491IBZ Datasheet HTML 4Page - Intersil Corporation ISL83491IBZ Datasheet HTML 5Page - Intersil Corporation ISL83491IBZ Datasheet HTML 6Page - Intersil Corporation ISL83491IBZ Datasheet HTML 7Page - Intersil Corporation ISL83491IBZ Datasheet HTML 8Page - Intersil Corporation ISL83491IBZ Datasheet HTML 9Page - Intersil Corporation ISL83491IBZ Datasheet HTML 10Page - Intersil Corporation ISL83491IBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Driver Disable from Output Low
(Except ISL83488)
tLZ
RL = 110Ω, CL = 50pF, SW = VCC (Figure 3)
25
-
70
80
ns
Full
-
-
110
ns
Driver Enable from Shutdown to
Output High (Except ISL83488)
tZH(SHDN) RL = 110Ω, CL = 50pF, SW = GND (Notes 7, 8)
Full
-
450
2000
ns
Driver Enable from Shutdown to
Output Low (Except ISL83488)
tZL(SHDN) RL = 110Ω, CL = 50pF, SW = VCC (Figure 3),
(Notes 7, 8)
Full
-
126
2000
ns
RECEIVER SWITCHING CHARACTERISTICS (All Versions)
Receiver Input to Output Delay
tPLH, tPHL (Figure 4)
Full
25
45
90
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 4)
25
-
2
10
ns
Full
-
2
12
ns
Receiver Enable to Output High
(Except ISL83488 and ISL83490)
tZH
RL = 1kΩ, CL = 15pF, SW = GND (Figure 5),
(Note 6)
Full
-
11
50
ns
Receiver Enable to Output Low
(Except ISL83488 and ISL83490)
tZL
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 5),
(Note 6)
Full
-
11
50
ns
Receiver Disable from Output High
(Except ISL83488 and ISL83490)
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 5)
Full
-
7
45
ns
Receiver Disable from Output Low
(Except ISL83488 and ISL83490)
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 5)
Full
-
7
45
ns
Time to Shutdown
(Except ISL83488 and ISL83490)
tSHDN
(Note 7)
Full
80
190
300
ns
Receiver Enable from Shutdown to
Output High
(Except ISL83488 and ISL83490)
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 5),
(Notes 7, 9)
Full
-
240
600
ns
Receiver Enable from Shutdown to
Output Low
(Except ISL83488 and ISL83490)
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 5),
(Notes 7, 9)
Full
-
240
600
ns
NOTES:
2. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
3. Supply current specification is valid for loaded drivers when DE = 0V.
4. Applies to peak current. See “Typical Performance Curves” for more information.
5. When testing the ISL83483, ISL83485, ISL83491, keep RE = 0 to prevent the device from entering SHDN.
6. When testing the ISL83483, ISL83485, ISL83491, the RE signal high time must be short enough (typically <100ns) to prevent the device from
entering SHDN.
7. The ISL83483, ISL83485, ISL83491 are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 80ns, the
parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 300ns, the parts are guaranteed to have entered shutdown.
See “Low-Power Shutdown Mode” section.
8. Keep RE = VCC, and set the DE signal low time >300ns to ensure that the device enters SHDN.
9. Set the RE signal high time >300ns to ensure that the device enters SHDN.
Electrical Specifications
Test Conditions: VCC = 3V to 3.6V; Unless Otherwise Specified. Typicals are at VCC = 3.3V, TA = 25oC,
Note 2 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
ISL83483, ISL83485, ISL83488, ISL83490, ISL83491


Similar Part No. - ISL83491IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83491IBZ RENESAS-ISL83491IBZ Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83491IBZ-T INTERSIL-ISL83491IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83491IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83491IBZ-T INTERSIL-ISL83491IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83483 RENESAS-ISL83483 Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com