Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43741IR Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL43741IR
Description  Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43741IR Datasheet(HTML) 5 Page - Intersil Corporation

  ISL43741IR Datasheet HTML 1Page - Intersil Corporation ISL43741IR Datasheet HTML 2Page - Intersil Corporation ISL43741IR Datasheet HTML 3Page - Intersil Corporation ISL43741IR Datasheet HTML 4Page - Intersil Corporation ISL43741IR Datasheet HTML 5Page - Intersil Corporation ISL43741IR Datasheet HTML 6Page - Intersil Corporation ISL43741IR Datasheet HTML 7Page - Intersil Corporation ISL43741IR Datasheet HTML 8Page - Intersil Corporation ISL43741IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN6053.3
March 13, 2006
Electrical Specifications +12V Supply
Test Conditions: V+ = +10.8V to +13.2V, GND = 0V, VINH = 4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 10.8V, ICOM = 1.0mA, VNO or VNC = 9V
(See Figure 6)
25
-
37
45
Full
-
-
55
RON Matching Between Channels,
∆RON
V+ = 10.8V, ICOM = 1.0mA, VNO or VNC = 9V (Note 5)
25
-
1.2
2
Full
-
-
2
RON Flatness, RFLAT(ON)
V+ = 10.8V, ICOM = 1.0mA, VNO or VNC = 3V, 6V, 9V
(Note 6)
25
-
5
7
Full
-
-
7
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 13.2V, VCOM = 1V, 12V, VNO or VNC = 12V, 1V
(Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 13.2V, VCOM = 12V, 1V, VNO or VNC = 1V, 12V
(Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 13.2V, VCOM = 1V, 12V, VNO or VNC = 1V, 12V,
or floating (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
3.7
3.3
-
V
Input Voltage Low, VINL, VADDL
Full
-
2.7
0.8
V
Input Current, IADDH, IADDL, IENH,
IENL
V+ = 13.2V, VINH, VADD = 0V or V+
Full
-0.5
-
0.5
µA
Input Current, IENH, ILEH
V+ = 13.2V, VINH, VADD = 0V or V+
Full
-1.5
-
1.5
µA
Input Current, IENL, ILEL
V+ = 13.2V, VINH, VADD = 0V or V+
Full
-4
-
4
µA
DYNAMIC CHARACTERISTICS
Enable Turn-ON Time, tON
V+ = 10.8V, VNO or VNC = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 4 (See Figure 1)
25
-
24
40
ns
Full
-
-
45
ns
Enable Turn-OFF Time, tOFF
V+ = 10.8V, VNO or VNC = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 4 (See Figure 1)
25
-
15
30
ns
Full
-
-
35
ns
Address Transition Time, tTRANS
V+ = 10.8V, VNO or VNC = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 4 (See Figure 1)
25
-
27
50
ns
Full
-
-
55
ns
Break-Before-Make Time Delay, tD
V+ = 13.2V, RL = 300Ω, CL = 35pF, VNO or VNC = 10V,
VIN = 0 to 4 (See Figure 3)
Full
2
5
-
ns
Latch Setup Time, tS
(See Figure 4)
25
25
-
-
ns
Full
35
-
-
ns
Latch Hold Time, tH
(See Figure 4)
25
0
-
-
ns
Full
0
-
-
ns
Latch Pulse Width, tWPW
(See Figure 4)
25
15
-
-
ns
Full
25
-
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (See Figure 2)
25
-
2.7
5
pC
ISL43681, ISL43741


Similar Part No. - ISL43741IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43741IR INTERSIL-ISL43741IR Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43741IR RENESAS-ISL43741IR Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL43741IRZ RENESAS-ISL43741IRZ Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
More results

Similar Description - ISL43741IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84582 INTERSIL-ISL84582 Datasheet
405Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Intersil Corporation
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com