Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-200883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI-200883
Description  Dual SPST CMOS Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-200883 Datasheet(HTML) 2 Page - Intersil Corporation

  HI-200883 Datasheet HTML 1Page - Intersil Corporation HI-200883 Datasheet HTML 2Page - Intersil Corporation HI-200883 Datasheet HTML 3Page - Intersil Corporation HI-200883 Datasheet HTML 4Page - Intersil Corporation HI-200883 Datasheet HTML 5Page - Intersil Corporation HI-200883 Datasheet HTML 6Page - Intersil Corporation HI-200883 Datasheet HTML 7Page - Intersil Corporation HI-200883 Datasheet HTML 8Page - Intersil Corporation HI-200883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6059.2
January 30, 2006
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . .40V
±V
SUPPLY to Ground (V+, V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20V
Analog Input Voltage, (+VS) . . . . . . . . . . . . . . . . . . +VSUPPLY +2V
Analog Input Voltage, (-VS) . . . . . . . . . . . . . . . . . . . . -VSUPPLY -2V
Digital Input Voltage, (+VA) . . . . . . . . . . . . . . . . . . . +VSUPPLY +4V
Digital Input Voltage, (-VA). . . . . . . . . . . . . . . . . . . . . -VSUPPLY -4V
Peak Current (S or D)
(Pulse at 1ms, 10% Duty Cycle Max). . . . . . . . . . . . . . . . . . 40mA
Continuous Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Lead Temperature (Soldering 10s)
. . . . . . . . . . . . . . . . . . . . . . ≤275°C
Thermal Resistance
θJA (°C/W) θJC (°C/W)
Metal Can Package . . . . . . . . . . . . . . .
160
75
Package Power Dissipation at +75°C
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.62W/°C
Package Power Dissipation Derating Factor above +75°C
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . .8.24mW/°C
Recommended Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55°C to +125°C
Operating Supply Voltage Range (±VSUPPLY) . . . . . . . . . . . . . . ±15V
Analog Input Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . ±VSUPPLY
Logic Low Level (VAL) . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 0.8V
Logic High Level (VAH) . . . . . . . . . . . . . . . . . . . . 2.4V to +VSUPPLY
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
TABLE 1. D.C. ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Tested at:
+V
SUPPLY = +15V, −VSUPPLY = −15V, VREF = OPEN, GND = 0V, Unless Otherwise Specified.
D.C. PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
(°C)
MIN
MAX
UNITS
Switch
“ON” Resistance
rDS
VA = 0.8V, VS = 10V, ID = -1mA,
All Unused Channels VA = 0.8V
125
-
70
2, 3
-55 to 125
-
100
VA = 0.8V, VS = -10V, ID = 1mA,
All Unused Channels VA = 0.8V
125
-
70
2, 3
-55 to 125
-
100
Source “OFF”
Leakage Current
IS(OFF)
VS = +14V, VD = -14V, VA = 2.4V,
All Unused Channels VA = 2.4V,
VD = +14V, VS = -14V
125
-5
5
nA
2, 3
-55 to 125
-500
500
nA
VS = -14V, VD = +14V, VA = 2.4V,
All Unused Channels VA = 2.4V,
VD = -14V, VS = +14V
125
-5
5
nA
2, 3
-55 to 125
-500
500
nA
Drain “OFF”
Leakage Current
ID(OFF)
VD = -14V, VS = +14V, VA = 2.4V,
All Unused Channels VA = 2.4V,
VD = +14V, VS = -14V
125
-5
5
nA
2, 3
-55 to 125
-500
500
nA
VD = +14V, VS = -14V, VA = 2.4V,
All Unused Channels VA = 2.4V,
VD = -14V, VS = +14V
125
-5
5
nA
2, 3
-55 to 125
-500
500
nA
Channel “ON”
Leakage Current
ID(ON)
VD = VS = +14V, VA = 0.8V,
All Unused Channels VA = 0.8V,
VD = VS = -14V
125
-5
5
nA
2, 3
-55 to 125
-500
500
nA
VD = VS = -14V, VA = 0.8V,
All Unused Channels VA = 0.8V,
VD = VS = +14V
125
-5
5
nA
2, 3
-55 to 125
-500
500
nA
Low Level
Input Current
IAL
VAL = 0.8V
All Channels VA = 2.4V
125
-1.0
1.0
µA
2, 3
-55 to 125
-1.0
1.0
µA
High Level
Input Current
IAH
VAH = 2.4V
All Channels VAH = 4.0V
125
-1.0
1.0
µA
2, 3
-55 to 125
-1.0
1.0
µA
Supply Current
+ICC
All Channels VA = 0V
1
25
-
2.0
µA
2, 3
-55 to 125
-
2.0
µA
All Channels VA = 3V
1
25
-
2.0
mA
2, 3
-55 to 125
-
2.0
mA
HI-200/883


Similar Part No. - HI-200883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
HI-200 INTERSIL-HI-200 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
HI-200 INTERSIL-HI-200 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Intersil Corporation
HI-200/883 INTERSIL-HI-200/883 Datasheet
315Kb / 11P
   The HI-200/883 is a monolithic device comprising two independently selectable SPST switchers which feature fast switching speeds
More results

Similar Description - HI-200883

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG200B VISHAY-DG200B Datasheet
103Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
Rev. C, 11-Jun-07
logo
Maxim Integrated Produc...
DG200A MAXIM-DG200A Datasheet
179Kb / 6P
   Dual Monolithic SPST CMOS Analog Switch
19-0484; Rev 1; 5/96
logo
Vishay Siliconix
DG200AMIL VISHAY-DG200AMIL Datasheet
56Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
Rev. E, 05-Oct-00
logo
TEMIC Semiconductors
DG200A TEMIC-DG200A Datasheet
74Kb / 5P
   Monolithic Dual SPST CMOS Analog Switch
logo
Vishay Siliconix
DG200A VISHAY-DG200A Datasheet
43Kb / 5P
   Monolithic Dual SPST CMOS Analog Switch
Rev. E, 05-Oct-00
DG200A_MIL VISHAY-DG200A_MIL Datasheet
59Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
18-Jul-08
logo
Maxim Integrated Produc...
DG200 MAXIM-DG200 Datasheet
25Kb / 4P
   Dual, SPST, CMOS, TTL-Compatible Analog Switch
19-0053 Rev. B
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com