Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F4M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CNY17F4M
Description  Phototransistor Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17F4M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CNY17F4M Datasheet HTML 1Page - Fairchild Semiconductor CNY17F4M Datasheet HTML 2Page - Fairchild Semiconductor CNY17F4M Datasheet HTML 3Page - Fairchild Semiconductor CNY17F4M Datasheet HTML 4Page - Fairchild Semiconductor CNY17F4M Datasheet HTML 5Page - Fairchild Semiconductor CNY17F4M Datasheet HTML 6Page - Fairchild Semiconductor CNY17F4M Datasheet HTML 7Page - Fairchild Semiconductor CNY17F4M Datasheet HTML 8Page - Fairchild Semiconductor CNY17F4M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
www.fairchildsemi.com
CNY17X, CNY17FX, MOC810X Rev. 1.0.6
Absolute Maximum Ratings
Symbol
Parameters
Device
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
M
-40 to +150
°C
non M
-55 to +150
TOPR
Operating Temperature
M
-40 to +100
°C
non M
-55 to +100
TSOL
Lead Solder Temperature
All
260 for 10 sec
°C
PD
Total Device Power Dissipation @ 25°C (LED plus detector)
Derate Linearly From 25°C
M
250
mW
non M
250
M
2.94
mW/°C
non M
3.30
EMITTER
IF
Continuous Forward Current
M
60
mA
non M
100
VR
Reverse Voltage
All
6
V
IF (pk)
Forward Current - Peak (1 µs pulse, 300 pps)
M
1.5
A
non M
1.0
PD
LED Power Dissipation 25°C Ambient
Derate Linearly From 25°C
M
120
mW
non M
150
M
1.41
mW/°C
non M
1.8
DETECTOR
IC
Continuous Collector Current
All
50
mA
VCEO
Collector-Emitter Voltage
CNY17X/M, CNY17FX/M,
MOC8106/7/8
70
V
MOC8101/2/3/4/5
30
V
VECO
Emitter Collector Voltage
All
7
V
PD
Detector Power Dissipation @ 25°C
Derate Linearly from 25°C
M
150
mW
non M
150
M
1.76
mW/°C
non M
2.0


Similar Part No. - CNY17F4M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17F4M FAIRCHILD-CNY17F4M Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY17F4M FAIRCHILD-CNY17F4M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F4M FAIRCHILD-CNY17F4M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results

Similar Description - CNY17F4M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com