Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84781IVZ- Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL84781IVZ-
Description  Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84781IVZ- Datasheet(HTML) 5 Page - Intersil Corporation

  ISL84781IVZ- Datasheet HTML 1Page - Intersil Corporation ISL84781IVZ- Datasheet HTML 2Page - Intersil Corporation ISL84781IVZ- Datasheet HTML 3Page - Intersil Corporation ISL84781IVZ- Datasheet HTML 4Page - Intersil Corporation ISL84781IVZ- Datasheet HTML 5Page - Intersil Corporation ISL84781IVZ- Datasheet HTML 6Page - Intersil Corporation ISL84781IVZ- Datasheet HTML 7Page - Intersil Corporation ISL84781IVZ- Datasheet HTML 8Page - Intersil Corporation ISL84781IVZ- Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6095.3
July 31, 2006
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. INHIBIT tON/tOFF MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 1B. INHIBIT tON/tOFF TEST CIRCUIT
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1C. ADDRESS tTRANS MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 1D. ADDRESS tTRANS TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. Q MEASUREMENT POINTS
FIGURE 2B. Q TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
50%
tr < 5ns
tf < 5ns
tON
V+
0V
tOFF
LOGIC
INPUT
SWITCH
OUTPUT
90%
0V
90%
VOUT
VNO0
V
OUT
V
NOx
R
L
R
L
R
ON
()
+
------------------------------
=
LOGIC
INPUT
VOUT
RL
COM
NO0
INH
50
Ω
35pF
GND
NO1-NO7
CL
VNO0
ADD2-0
C
V+
C
50%
tr < 5ns
tf < 5ns
tTRANS
90%
V+
VNO7
0V
tTRANS
LOGIC
INPUT
SWITCH
OUTPUT
10%
VOUT
0V
VNO0
V
OUT
V
NOx
R
L
R
L
R
ON
()
+
------------------------------
=
LOGIC
INPUT
VOUT
RL
COM
NO0
ADD2-0
50
Ω
35pF
GND
NO1-NO7
CL
VNO0
INH
C
V+
C
VOUT
ΔVOUT
OFF
ON
OFF
Q =
ΔVOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
V+
0V
CL
VOUT
RG
VG
GND
COM
NOx
LOGIC
INPUT
INH
ADD2
V+
C
Repeat test for other switches.
1000pF
0
Ω
ADD1
ADD0
CHANNEL
SELECT
ISL84781


Similar Part No. - ISL84781IVZ-

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84781IVZ-T INTERSIL-ISL84781IVZ-T Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
More results

Similar Description - ISL84781IVZ-

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781_10 Datasheet
282Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781IVZ INTERSIL-ISL84781IVZ Datasheet
279Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
logo
Renesas Technology Corp
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com