Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMS82C55AZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # IMS82C55AZ
Description  CMOS Programmable Peripheral Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IMS82C55AZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button IMS82C55AZ Datasheet HTML 6Page - Intersil Corporation IMS82C55AZ Datasheet HTML 7Page - Intersil Corporation IMS82C55AZ Datasheet HTML 8Page - Intersil Corporation IMS82C55AZ Datasheet HTML 9Page - Intersil Corporation IMS82C55AZ Datasheet HTML 10Page - Intersil Corporation IMS82C55AZ Datasheet HTML 11Page - Intersil Corporation IMS82C55AZ Datasheet HTML 12Page - Intersil Corporation IMS82C55AZ Datasheet HTML 13Page - Intersil Corporation IMS82C55AZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
FN6140.2
June 15, 2006
ACK - (Acknowledge Input). A “low” on this input informs the
82C55A that the data from Port A or Port B is ready to be
accepted. In essence, a response from the peripheral device
indicating that it is ready to accept data, (See Note 1).
INTR - (Interrupt Request). A “high” on this output can be
used to interrupt the CPU when an output device has
accepted data transmitted by the CPU. INTR is set when
ACK is a “one”, OBF is a “one” and INTE is a “one”. It is reset
by the falling edge of WR.
INTE A
Controlled by Bit Set/Reset of PC6.
INTE B
Controlled by Bit Set/Reset of PC2.
NOTE:
1. To strobe data into the peripheral device, the user must operate
the strobe line in a hand shaking mode. The user needs to send
OBF to the peripheral device, generates an ACK from the
peripheral device and then latch data into the peripheral device
on the rising edge of OBF.
FIGURE 6. MODE 1 INPUT
FIGURE 7. MODE 1 (STROBED INPUT)
1
D7
0
D6
1
D5
1
D4
1/0
D3 D2 D1 D0
CONTROL WORD
MODE 1 (PORT A)
PC4
8
IBFA
PC5
INTE
A
PA7-PA0
STBA
INTRA
PC3
PC6, PC7
I/O
2
RD
PC6, PC7
1 = INPUT
0 = OUTPUT
1
D7 D6 D5 D4 D3 D2 D1 D0
CONTROL WORD
MODE 1 (PORT B)
PC2
8
IBFB
PC1
INTE
B
PB7-PB0
STBB
INTRB
PC0
RD
11
tST
STB
INTR
RD
INPUT FROM
IBF
PERIPHERAL
tSIB
tSIT
tPH
tPS
tRIT
tRIB
FIGURE 8. MODE 1 OUTPUT
1
D7
0
D6
1
D5
1
D4
1/0
D3 D2 D1 D0
CONTROL WORD
MODE 1 (PORT A)
PC7
8
ACKA
PC6
PA7-PA0
OBFA
INTRA
PC3
PC4, PC5
2
WR
PC4, PC5
1 = INPUT
0 = OUTPUT
1
D7 D6 D5 D4 D3 D2 D1 D0
CONTROL WORD
MODE 1 (PORT B)
PC1
8
ACKB
PC2
INTE
B
PB7-PB0
OBFB
INTRB
PC0
WR
10
INTE
A
MS82C55A, MQ82C55A, MP82C55A


Similar Part No. - IMS82C55AZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IMS82C55AZ INTERSIL-IMS82C55AZ Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
IMS82C55AZ RENESAS-IMS82C55AZ Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
IMS82C55AZ96 INTERSIL-IMS82C55AZ96 Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
More results

Similar Description - IMS82C55AZ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Renesas Technology Corp
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com