Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ES2A
Description  Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ES2A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ES2A Datasheet HTML 1Page - Fairchild Semiconductor ES2A Datasheet HTML 2Page - Fairchild Semiconductor ES2A Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ES2A-ES2D, Rev. C
2001 Fairchild Semiconductor Corporation
Typical Characteristics
Pulse
Generator
(Note 2)
50
NONINDUCTIVE
50
NONINDUCTIVE
DUT
(-)
(+)
OSCILLOSCOPE
(Note 1)
50
NONINDUCTIVE
50V
(approx)
NOTES:
1. Rise time = 7.0 ns max; Input impedance = 1.0 megaohm 22 pf.
2. Rise time = 10 ns max; Source impedance = 50 ohms.
Reverse Recovery Time Characterstic and Test Circuit Diagram
1.0cm
SET TIME BASE FOR
trr
+0.5A
0
-0.25A
-1.0A
5/ 10 ns/ cm
0
20406080
100
120
140
0.1
1
10
100
1000
Percent of Rated Peak Reverse Voltage [%]
T = 25 C
º
A
T = 100 C
º
A
T = 75 C
º
A
0
25
50
75
100
125
150
175
0
0.5
1
1.5
2
2.5
Ambient Temperature [ºC]
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.0mm) LEAD
LENGTHS
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.01
0.1
1
10
50
Forward Voltage, V
F [V]
Pulse Width = 300
µµµµs
2% Duty Cycle
T = 25 C
º
A
12
5
10
20
50
100
0
10
20
30
40
50
60
Number of Cycles at 60Hz
0.1
0.5
1
5
10 20
50 100
500
0
10
20
30
40
50
60
Reverse Voltage, VR [V]
Figure 1. Forward Current Derating Curve
Figure 2. Forward Voltage Characteristics
Figure 3. Non-Repetitive Surge Current
Figure 4. Reverse Current vs Reverse Voltage
Figure 5. Total Capacitance


Similar Part No. - ES2A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Formosa MS
ES2A FORMOSA-ES2A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
DAESAN ELECTRONIC CORP.
ES2A DAESAN-ES2A Datasheet
340Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 400 Volts
logo
SAMYANG ELECTRONICS CO....
ES2A SAMYANG-ES2A Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - ES2A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RS1A FAIRCHILD-RS1A_11 Datasheet
85Kb / 3P
   Fast Rectifiers
UF4003 FAIRCHILD-UF4003 Datasheet
42Kb / 3P
   Fast Rectifiers
logo
SeCoS Halbleitertechnol...
FR101 SECOS-FR101_15 Datasheet
166Kb / 2P
   Fast Rectifiers
logo
Fairchild Semiconductor
ES3A FAIRCHILD-ES3A Datasheet
146Kb / 4P
   Fast Rectifiers
RGF1A FAIRCHILD-RGF1A_01 Datasheet
49Kb / 3P
   Fast Rectifiers
UF4001 FAIRCHILD-UF4001_01 Datasheet
334Kb / 3P
   Fast Rectifiers
logo
ON Semiconductor
RGF1A ONSEMI-RGF1A Datasheet
144Kb / 5P
   Fast Rectifiers
June, 2020 ??Rev. 1
logo
New Jersey Semi-Conduct...
1N4147 NJSEMI-1N4147 Datasheet
91Kb / 1P
   Fast Rectifiers
logo
Fairchild Semiconductor
UF4001 FAIRCHILD-UF4001_05 Datasheet
42Kb / 3P
   Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N5318 NJSEMI-1N5318 Datasheet
78Kb / 1P
   Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com