Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22326 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL22326
Description  Dual Digitally Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22326 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL22326 Datasheet HTML 1Page - Intersil Corporation ISL22326 Datasheet HTML 2Page - Intersil Corporation ISL22326 Datasheet HTML 3Page - Intersil Corporation ISL22326 Datasheet HTML 4Page - Intersil Corporation ISL22326 Datasheet HTML 5Page - Intersil Corporation ISL22326 Datasheet HTML 6Page - Intersil Corporation ISL22326 Datasheet HTML 7Page - Intersil Corporation ISL22326 Datasheet HTML 8Page - Intersil Corporation ISL22326 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6176.0
July 17, 2006
RESISTOR MODE (Measurements between RWi and RLi with RHi not connected, or between RWi and RHi with RLi not connected. i = 0 or 1)
RINL
(Note 16)
Integral Non-linearity
DCP register set between 10h and 7Fh;
monotonic over all tap positions
-1
1
MI
(Note 13)
RDNL
(Note 15)
Differential Non-linearity
DCP register set between 10h and 7Fh;
monotonic over all tap positions
-0.5
0.5
MI
(Note 13)
Roffset
(Note 14)
Offset
W option
0
1
5
MI
(Note 13)
U option
0
0.5
2
MI
(Note 13)
RMATCH
(Note 17)
DCP to DCP Matching
Any two DCPs at the same tap position with
the same terminal voltages
-2
2
MI
(Note 13)
Analog Specifications
Over recommended operating conditions unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 5)
MAX
UNIT
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 5)
MAX
UNIT
ICC1
VCC Supply Current (volatile
write/read)
fSCL = 400kHz; SDA = Open; (for I
2C, active,
read and write states)
0.5
mA
ICC2
VCC Supply Current (non-volatile
write/read)
fSCL = 400kHz; SDA = Open; (for I
2C, active,
read and write states)
3mA
ISB
VCC Current (standby)
VCC = +5.5V @ +85°C, I
2C interface in
standby state
5µA
VCC = +5.5V @ +125°C, I
2C interface in
standby state
7µA
VCC = +3.6V @ +85°C, I
2C interface in
standby state
3µA
VCC = +3.6V @ +125°C, I
2C interface in
standby state
5µA
ISD
VCC Current (shutdown)
VCC = +5.5V @ +85°C, I
2C interface in
standby state
3µA
VCC = +5.5V @ +125°C, I
2C interface in
standby state
5µA
VCC = +3.6V @ +85°C, I
2C interface in
standby state
2µA
VCC = +3.6V @ +125°C, I
2C interface in
standby state
4µA
ILkgDig
Leakage Current, at Pins A0, A1, A2,
SHDN, SDA, and SCL
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 18)
DCP Wiper Response Time
SCL falling edge of last bit of DCP data byte
to wiper new position
1.5
µs
tShdnRec
(Note 18)
DCP Recall Time from Shutdown
Mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall
occurs
2.0
2.6
V
VccRamp
VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and I2C Interface
in standby state
3ms
ISL22326


Similar Part No. - ISL22326

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22326 INTERSIL-ISL22326 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22326 RENESAS-ISL22326 Datasheet
972Kb / 17P
   Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
logo
Intersil Corporation
ISL22326 INTERSIL-ISL22326 Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326UFR16Z INTERSIL-ISL22326UFR16Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22326UFR16Z RENESAS-ISL22326UFR16Z Datasheet
972Kb / 17P
   Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

Similar Description - ISL22326

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com