Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1539 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN1539
Description  1A/1.3A, LDO with Low Quiescent Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1539 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN1539_05 Datasheet HTML 1Page - Fairchild Semiconductor FAN1539_05 Datasheet HTML 2Page - Fairchild Semiconductor FAN1539_05 Datasheet HTML 3Page - Fairchild Semiconductor FAN1539_05 Datasheet HTML 4Page - Fairchild Semiconductor FAN1539_05 Datasheet HTML 5Page - Fairchild Semiconductor FAN1539_05 Datasheet HTML 6Page - Fairchild Semiconductor FAN1539_05 Datasheet HTML 7Page - Fairchild Semiconductor FAN1539_05 Datasheet HTML 8Page - Fairchild Semiconductor FAN1539_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
www.fairchildsemi.com
FAN1539/FAN1540 Rev. 1.1.1
Block Diagram
Notes:
1. No connection for FAN1540MMPX.
2. VSEN available for FAN1540MMPX.
Pin Assignments
Pin Description
Symbol
Name and Function
VIN
Input pin
GND
Ground Pin (Tab)
VOUT
Output pin: Fixed Output Voltage
VSEN
Output sense pin. Connect to VOUT if Kelvin sensing is not required
NC
No Connection
CURRRENT
LIMIT
THERMAL
SHUTDOWN
BANDGAP
REFERENCE
VIN
VOUT
VSENSE
GND
START-UP
CIRCUIT
ERROR
AMPLIFIER
X
(Note 1)
(Note 2)
TOP VIEW
VIN
GND
3-Lead TO-252 PACKAGE
VOUT
FAN1540
5x6mm 8-Lead MLP
1
2
3
45
6
7
8
FAN1540
FAN1539/FAN1540
GND
VOUT
VSEN
VIN
GND
GND
GND
GND
VIN
NC
GND
NC
NC
VOUT
1
2
3
6
5
4
3x3mm 6-Lead MLP


Similar Part No. - FAN1539_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
More results

Similar Description - FAN1539_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
logo
ams AG
AS1375 AMSCO-AS1375 Datasheet
853Kb / 11P
   1A Quiescent Current, 200mA LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com