Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1540MMPX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN1540MMPX
Description  1A/1.3A, LDO with Low Quiescent Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1540MMPX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN1540MMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN1540MMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN1540MMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN1540MMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN1540MMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN1540MMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN1540MMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN1540MMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN1540MMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
www.fairchildsemi.com
FAN1539/FAN1540 Rev. 1.1.1
Absolute Maximum Ratings
Notes:
3. Junction to ambient thermal resistance,
θ
JA, is a strong function of PCB material, board thickness, thickness and
number of copper plains, number of via used, diameter of via used, available copper surface, and attached heat sink
characteristics.Thermal resistance (
θ
JA), VIN, IOUT must be chosen not to exceed TJ = 150°C.
4. Soldering temperature should be 260
°C for 10 second after 240°C for 30 second in I.R. reflow using 60/40 solder.
Maximum rate of temperature rise is 3
°C/SEC to within 100°C of the final temperature.
5. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
Parameter
Symbol
Value
Units
Operating Input Voltage
VIN
10
V
Power Dissipation
PD
Internally
Limited
W
Short Circuit Output Current
IOSH
Internally
Limited
A
Operating Junction Temperature Range
TJ
0 to 150
°C
Thermal Resistance–Junction to Tab, TO-252
θJC
3
°C/W
Thermal Resistance–Junction to Tab, 3mmx3mm 6-lead MLP (Note 3)
θJC
8
°C/W
Thermal Resistance–Junction to Tab, 5mmx6mm 8-lead MLP (Note 3)
θJC
4
°C/W
Storage Temperature Range (Note 3)
TSTG
-65 to 150
°C
Lead Temperature (I.R. Reflow) 30 Sec. (Note 4)
TLEAD
240
°C
Lead Temperature (Soldering) 10 Sec. (Note 4)
TLEAD
260
°C
Electrostatic Discharge Protection (Note 5)
HBM
ESD
4
kV
CDM
2


Similar Part No. - FAN1540MMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1540 FAIRCHILD-FAN1540 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
More results

Similar Description - FAN1540MMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
logo
ams AG
AS1375 AMSCO-AS1375 Datasheet
853Kb / 11P
   1A Quiescent Current, 200mA LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com