Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1540MPX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN1540MPX
Description  1A/1.3A, LDO with Low Quiescent Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1540MPX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN1540MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN1540MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
www.fairchildsemi.com
FAN1539/FAN1540 Rev. 1.1.1
Notes:
6. Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 1% below the
nominal value measured at
VIN = 5V.
7. Measured within 10Hz to 10kHz bandwidth.
8. Measured at DC, specified at 120 Hz.
9. CIN = 22µF, COUT = 10µF. Both capacitors are low ESR X7R type.
Test Circuit
Quiescent
Current
IGND
VIN ≤ 7V
2mA
≤ IOUT ≤ IMAX
1.0
2.0
mA
Quiescent
Current
IGND
VIN = 5V
0mA
≤ IOUT ≤ 50mA
1.0
2.0
mA
Thermal
Shutdown
TjSD
3.0V
≤ VIN ≤ 5.25V
160
°C
Thermal
Hysteresis
THYST
3.0V
≤ VIN ≤ 5.25V
15
°C
Parameter
Symbol
Test Conditions
Test Limits
Units
VIN
IOUT
Min.
Typ.
Max.
DUT
GND
CIN
VIN
VOUT
COUT
Notes: 1. Use low ESR capacitors.
2. CIN should be placed as close to VIN as possible.
IN
OUT
22
µF
10
µF
Electrical Characteristics—FAN1539MPX, FAN1540MPX, FAN1540MMPX,
FAN1540DX (Continued)
Unless otherwise specified, VIN = 4.50V to 7V, Tj = 25˚C, IMAX (FAN1539) = 1.0A, IMAX (FAN1540) = 1.3A.
Boldface limits apply over operating junction temperature range of 0°C
≤ TJ ≤ 125°C.


Similar Part No. - FAN1540MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1540 FAIRCHILD-FAN1540 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
More results

Similar Description - FAN1540MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
logo
ams AG
AS1375 AMSCO-AS1375 Datasheet
853Kb / 11P
   1A Quiescent Current, 200mA LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com