Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL4089 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL4089
Description  DC-Restored Video Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4089 Datasheet(HTML) 7 Page - Intersil Corporation

  ISL4089_06 Datasheet HTML 1Page - Intersil Corporation ISL4089_06 Datasheet HTML 2Page - Intersil Corporation ISL4089_06 Datasheet HTML 3Page - Intersil Corporation ISL4089_06 Datasheet HTML 4Page - Intersil Corporation ISL4089_06 Datasheet HTML 5Page - Intersil Corporation ISL4089_06 Datasheet HTML 6Page - Intersil Corporation ISL4089_06 Datasheet HTML 7Page - Intersil Corporation ISL4089_06 Datasheet HTML 8Page - Intersil Corporation ISL4089_06 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN6192.1
June 28, 2006
Using the Reference Voltage Input (VREF)
Implementing DC-restore and amplifying composite video
using a single +5V supply amplifier, requires attention to the
performance of the amplifier over the minimum to maximum
range of output voltage swing. The differential gain - phase
plot in Figure 6 shows the amplifier accuracy operating from
a single +5V supply, driving a 300mVP-P and a 600mVP-P
signal into a 150
Ω load. Over the output DC voltage range of
0.5V to 3.25V, differential gain and phase are less than
0.05% and 0.05° respectively and defines the optimum
output voltage range of the ISL4089. Figure 6 also shows
that as the signal level increases, a corresponding decrease
in the output DC level (min/max voltage swing) can be
expected. The VREF input enables the output DC voltage
level to be optimally programmed within the min/max voltage
range, according to Equation 2. The values in Figure 6 take
into account the additional amplifier overhead (300mVP-P
and 600mVP-P) needed by the video signal. Although the
AC performance degrades below ~0.5V, the ISL4089
maintains DC accuracy down to 10mV.
Limiting the Output Current
No output short circuit current limit exists on these parts. All
applications need to limit the output current to less than
60mA. Adequate thermal heat sinking of the parts is also
required.
Application Information
A typical single supply application circuit using the EL1883
sync separator to generate the DC-restore hold command, is
shown in Figure 13. The ISL4089 is configured for a gain of
2, and 75
Ω input and output terminations are used for cable
driving; providing an end to end gain of 1. DC-restore is
performed during sync tip using the composite sync output
of the EL1883, which clamps the -300mV input sync tip level
to 0VDC at the ISL4089 output (Figure 15 - lower trace).
Clamping sync tip to 0VDC forces the black level, color burst
and active video to the +300mV level at the 75
Ω load in the
terminal equipment, and to +600mV at the ISL4089 output
pin. The +600mV DC offset is safely within the lower linear
range of the ISL4089 output (Figure 6 - Differential Gain -
Phase) and the 2V maximum video amplitude at the output
is safely within the upper limit. In applications where the sync
tip level can’t be guaranteed, positioning the active video
within the linear range can be accomplished using the back
porch clamp output of the EL1883 and supplying +1V to the
VREF input. This has the effect of clamping the back porch to
the +1V VREF level at the output while enabling the negative
sync tip level to pass through to the output.
RX1
475
475
4.7µF
CX1
-
+
+
-
RXT
TTL
VIN+
INPUT
VREF
VOUT
VIN-
VIDEO
VIDEO
INPUT
0.1µF
V+
OUT
+5V
GND
GND
HOLD
75
75
ISL4089
RF
RG
+
1.2V
+
10mV
VRef
0V to +4.5V
A1
A2
V1
V2
FIGURE 13. BASIC +5V APPLICATION CIRCUIT
4k
40pF
S1
ISL4089


Similar Part No. - ISL4089_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4089IBZ RENESAS-ISL4089IBZ Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
ISL4089IBZ-T7 RENESAS-ISL4089IBZ-T7 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
More results

Similar Description - ISL4089_06

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
   DC Restored Video Amplifier
logo
Intersil Corporation
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
   DC Restored Video Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
logo
Intersil Corporation
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
   100MHz DC-Restored Video Amplifier
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Renesas Technology Corp
EL4093 RENESAS-EL4093 Datasheet
878Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
   100 MHz DC-Restored Video Amplifier
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
   300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com