Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8010IUZ-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL8010IUZ-T13
Description  Monolithic 600mA Step-Down Regulator with Low Quiescent Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8010IUZ-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL8010IUZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL8010IUZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6191.4
July 12, 2006
Block Diagram
Pin Descriptions
PIN NUMBER
PIN NAME
PIN FUNCTION
1
SGND
Negative supply for the controller stage
2
PGND
Negative supply for the power stage
3
LX
Inductor drive pin; high current digital output with average voltage equal to the regulator output voltage
4
VIN
Positive supply for the power stage
5
VDD
Power supply for the controller stage
6
SYNC
SYNC input pin; when connected to HI, regulator runs at forced PWM mode; when connected to Low, auto
PFM/PWM mode; when connected to external sync signal, at external PWM frequency up to 12MHz
7
EN
Enable
8
PG
Power-Good open drain output
9
VO
Output voltage sense
10
FB
Voltage feedback input; connected to an external resistor divider between VO and SGND for variable
output
-
+
-
+
-
+
-
+
-
+
CONTROL
LOGIC
PFM
ON-TIME
CONTROL
PWM
COMPEN-
SATION
RAMP
GENERA-
TOR
UNDER-
VOLTAGE
LOCKOUT
POWER
GOOD
CLOCK
SOFT-
START
BANDGAP
REFERENCE
TEMPERATURE
SENSE
+
VIN
LX
PGND
PG
VO
FB
SYNC
EN
VDD
SGND
10pF
5M
124K
100K
10µF
5V
SYNC
EN
PWM
COMPARATOR
PWM
COMPARATOR
SYNCHRONOUS
RECTIFIER
N-DRIVER
P-DRIVER
CURRENT
SENSE
INDUCTOR SHORT
1.8µH
10µF
100K
PG
1.8V
0 TO 600mA
100
0.1µF
470pF
C4
ISL8010


Similar Part No. - ISL8010IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8010IUZ-T13 INTERSIL-ISL8010IUZ-T13 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010IUZ-T13 RENESAS-ISL8010IUZ-T13 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results

Similar Description - ISL8010IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com