Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA555
Description  Timer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA555 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA555 Datasheet HTML 1Page - NXP Semiconductors SA555 Datasheet HTML 2Page - NXP Semiconductors SA555 Datasheet HTML 3Page - NXP Semiconductors SA555 Datasheet HTML 4Page - NXP Semiconductors SA555 Datasheet HTML 5Page - NXP Semiconductors SA555 Datasheet HTML 6Page - NXP Semiconductors SA555 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE555/SE555C
Timer
August 31, 1994
349
DC AND AC ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = +5V to +15 unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
SE555
NE555/SE555C
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VCC
Supply voltage
4.5
18
4.5
16
V
ICC
Supply current (low
VCC=5V, RL=∞
3
5
3
6
mA
state)1
VCC=15V, RL=∞
10
12
10
15
mA
Timing error (monostable)
RA=2kΩ to 100kΩ
tM
Initial accuracy2
C=0.1
µF
0.5
2.0
1.0
3.0
%
∆tM/∆T
Drift with temperature
30
100
50
150
ppm/
°C
∆tM/∆VS
Drift with supply voltage
0.05
0.2
0.1
0.5
%/V
Timing error (astable)
RA, RB=1kΩ to 100kΩ
tA
Initial accuracy2
C=0.1
µF
4
6
5
13
%
∆tA/∆T
Drift with temperature
VCC=15V
500
500
ppm/
°C
∆tA/∆VS
Drift with supply voltage
0.15
0.6
0.3
1
%/V
VC
Control voltage level
VCC=15V
9.6
10.0
10.4
9.0
10.0
11.0
V
VCC=5V
2.9
3.33
3.8
2.6
3.33
4.0
V
VCC=15V
9.4
10.0
10.6
8.8
10.0
11.2
V
VTH
Threshold voltage
VCC=5V
2.7
3.33
4.0
2.4
3.33
4.2
V
ITH
Threshold current3
0.1
0.25
0.1
0.25
µA
VTRIG
Trigger voltage
VCC=15V
4.8
5.0
5.2
4.5
5.0
5.6
V
VCC=5V
1.45
1.67
1.9
1.1
1.67
2.2
V
ITRIG
Trigger current
VTRIG=0V
0.5
0.9
0.5
2.0
µA
VRESET
Reset voltage4
VCC=15V, VTH =10.5V
0.3
1.0
0.3
1.0
V
IRESET
Reset current
VRESET=0.4V
0.1
0.4
0.1
0.4
mA
Reset current
VRESET=0V
0.4
1.0
0.4
1.5
mA
VCC=15V
ISINK=10mA
0.1
0.15
0.1
0.25
V
ISINK=50mA
0.4
0.5
0.4
0.75
V
VOL
Output voltage (low)
ISINK=100mA
2.0
2.2
2.0
2.5
V
ISINK=200mA
2.5
2.5
V
VCC=5V
ISINK=8mA
0.1
0.25
0.3
0.4
V
ISINK=5mA
0.05
0.2
0.25
0.35
V
VCC=15V
ISOURCE=200mA
12.5
12.5
V
VOH
Output voltage (high)
ISOURCE=100mA
13.0
13.3
12.75
13.3
V
VCC=5V
ISOURCE=100mA
3.0
3.3
2.75
3.3
V
tOFF
Turn-off time5
VRESET=VCC
0.5
2.0
0.5
2.0
µs
tR
Rise time of output
100
200
100
300
ns
tF
Fall time of output
100
200
100
300
ns
Discharge leakage current
20
100
20
100
nA
NOTES:
1. Supply current when output high typically 1mA less.
2. Tested at VCC=5V and VCC=15V.
3. This will determine the max value of RA+RB, for 15V operation, the max total R=10MΩ, and for 5V operation, the max. total R=3.4MΩ.
4. Specified with trigger input high.
5. Time measured from a positive going input pulse from 0 to 0.8
×VCC into the threshold to the drop from high to low of the output. Trigger is
tied to threshold.


Similar Part No. - SA555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SA555 FAIRCHILD-SA555 Datasheet
150Kb / 14P
   Single Timer
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Diodes Incorporated
SA555 DIODES-SA555 Datasheet
729Kb / 14P
   Timing from microseconds to hours
logo
Texas Instruments
SA555 TI-SA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
More results

Similar Description - SA555

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
[Old version datasheet]   Timer
logo
Festo Corporation.
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
   Timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com