Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59482 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL59482
Description  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59482 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL59482 Datasheet HTML 1Page - Intersil Corporation ISL59482 Datasheet HTML 2Page - Intersil Corporation ISL59482 Datasheet HTML 3Page - Intersil Corporation ISL59482 Datasheet HTML 4Page - Intersil Corporation ISL59482 Datasheet HTML 5Page - Intersil Corporation ISL59482 Datasheet HTML 6Page - Intersil Corporation ISL59482 Datasheet HTML 7Page - Intersil Corporation ISL59482 Datasheet HTML 8Page - Intersil Corporation ISL59482 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6209.2
December 22, 2006
BW
Small Signal -3dB Bandwidth
VOUT = 0.2Vp-p; RL = 500Ω, CL = 1.2pF
520
MHz
VOUT = 0.2Vp-p; RL = 150Ω, CL = 1.2pF
420
MHz
Large Signal -3dB Bandwidth
VOUT = 2Vp-p; RL = 500Ω, CL = 1.2pF
250
MHz
VOUT = 2Vp-p; RL = 150Ω, CL = 1.2pF
230
MHz
FBW
0.1dB Bandwidth
VOUT = 2Vp-p; RL = 500Ω, CL = 1.2pF
35
MHz
VOUT = 2Vp-p; RL = 150Ω, CL = 1.2pF
90
MHz
SR
Slew Rate
25% to 75%, RL = 150Ω, Input Enabled,
CL = 1.5pF
1600
V/µs
TRANSIENT RESPONSE
tr, tf Large
Signal
Large Signal Rise, Fall TImes, tr, tf,
10% - 90%
VOUT = 2Vp-p; RL = 500Ω, CL = 1.2pF
1.2
ns
VOUT = 2Vp-p; RL = 150Ω, CL = 1.2pF
1.2
ns
tr, tf, Small
Signal
Small Signal Rise, Fall TImes, tr, tf,
10% - 90%
VOUT = 0.2Vp-p; RL = 500Ω, CL = 1.2pF
0.7
ns
VOUT = 0.2Vp-p; RL = 150Ω, CL = 1.2pF
0.8
ns
ts 0.1%
Settling TIme to 0.1%
VOUT = 2Vp-p; RL = 500Ω, CL = 1.2pF
22
ns
VOUT = 2Vp-p; RL = 150Ω, CL = 1.2pF
24
ns
ts 1%
Settling TIme to 1%
VOUT = 2Vp-p; RL = 500Ω, CL = 1.2pF
5
ns
VOUT = 2Vp-p; RL = 150Ω, CL = 1.2pF
7
ns
SWITCHING CHARACTERISTICS
VGLITCH
Channel-to-Channel Switching Glitch
VIN = 0V, CL = 1.2pF
60
mVP-P
EN Switching Glitch
VIN = 0V, CL = 1.2pF
200
mVP-P
HIZ Switching Glitch
VIN = 0V, CL = 1.2pF
300
mVP-P
tSW-L-H
Channel Switching Time Low to High
1.2V logic threshold to 10% movement of
analog output
22
ns
tSW-H-L
Channel Switching Time High to Low
1.2V logic threshold to 10% movement of
analog output
25
ns
tpd
Propagation Delay
10% to 10%
0.9
ns
Electrical Specifications
V1+ = V2+ = +5V, V1- = V2- = -5V, GND = 0V, TA = +25°C, Input Video = 0.5VP-P and RL = 500Ω to GND,
CL = 5pF unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified.
FIGURE 1. SMALL SIGNAL GAIN vs FREQUENCY vs CL
INTO 500
Ω LOAD
FIGURE 2. SMALL SIGNAL GAIN vs FREQUENCY vs CL
INTO 150
Ω LOAD
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 2.2pF
CL = 4.5pF
CL = 2.7pF
CL = 6.8pF
CL INCLUDES 1.2pF
BOARD CAPACITANCE
VOUT = 0.2Vp-p
CL = 1.2pF
CL = 11.2pF
CL = 3.4pF
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
1G
FREQUENCY (Hz)
CL= 3.9pF
CL = 6.8pF
CL = 11.2pF
CL INCLUDES 1.2pF
BOARD CAPACITANCE
VOUT = 0.2Vp-p
CL= 1.2pF
CL = 16.2pF
ISL59482


Similar Part No. - ISL59482

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
ISL59482EVAL1Z INTERSIL-ISL59482EVAL1Z Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
ISL59482EVAL1Z RENESAS-ISL59482EVAL1Z Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
More results

Similar Description - ISL59482

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com