Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43L841 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL43L841
Description  Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L841 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL43L841 Datasheet HTML 1Page - Intersil Corporation ISL43L841 Datasheet HTML 2Page - Intersil Corporation ISL43L841 Datasheet HTML 3Page - Intersil Corporation ISL43L841 Datasheet HTML 4Page - Intersil Corporation ISL43L841 Datasheet HTML 5Page - Intersil Corporation ISL43L841 Datasheet HTML 6Page - Intersil Corporation ISL43L841 Datasheet HTML 7Page - Intersil Corporation ISL43L841 Datasheet HTML 8Page - Intersil Corporation ISL43L841 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6212.1
June 30, 2006
Pinout (Note 1)
ISL43L841 (3x3 TQFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Inputs.
1
3
4
15
COMA
A3
A1
INH
16
14
13
2
12
10
9
11
6
57
8
B1
COMB
B0
B3
LOGIC
Truth Table
ISL43L841
INH
ADD0
ADD1
SWITCH ON
1X
X
NONE
0
0
0
A0, B0
0
0
1
A1, B1
0
1
0
A2, B2
0
1
1
A3, B3
NOTE: Logic “0”
≤0.5V. Logic “1” ≥1.4V, with a 3V supply. X = Don’t
Care.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (1.65V to 4.5V)
N.C.
N0 Connect. Not internally connected.
GND
Ground Connection
INH
Inhibit Input Pin. Connect to GND for Normal Operation.
Connect to V+ to turn all switches off.
COMA
Analog Switch Channel A Output
COMB
Analog Switch Channel B Output
A0-A3
Analog Switch Channel A Input
B0-B3
Analog Switch Channel B Input
ADDx
Address Input Pin
Ordering Information
PART NO.
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL43L841IRZ
(Note)
L81Z
-40 to 85 16 Ld 3x3 TQFN
(Pb-Free)
L16.3x3A
ISL43L841IRZ-T
(Note)
L81Z
-40 to 85 16 Ld 3x3 TQFN
Tape and Reel
(Pb-Free)
L16.3x3A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
ISL43L841


Similar Part No. - ISL43L841

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L841IRZ RENESAS-ISL43L841IRZ Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841IRZ INTERSIL-ISL43L841IRZ Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841IRZ-T RENESAS-ISL43L841IRZ-T Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results

Similar Description - ISL43L841

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841_14 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782IV INTERSIL-ISL84782IV Datasheet
358Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
November 17, 2004
ISL84782 INTERSIL-ISL84782 Datasheet
356Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com