Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59481IRZ-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL59481IRZ-T13
Description  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59481IRZ-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL59481IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6208.3
December 22, 2006
Pin Equivalent Circuits
Figure 15A illustrates the optimum output load for testing AC
performance. Figure 15B illustrates the optimum output load
when connecting to 50
Ω input terminated equipment.
Application Information
General
The ISL59481 is ideal as the matrix element of high
performance switchers and routers. Key features include
high impedance buffered analog inputs and excellent AC
performance at output loads down to 150
Ω for video cable-
driving. The unity-gain current feedback output amplifiers
are stable operating into capacitive loads and bandwidth is
optimized with a load of 5pF in parallel with a 500
Ω. Total
output capacitance can be split between the PCB
capacitance and an external load capacitor.
Ground Connections
For the best isolation and crosstalk rejection, all GND pins
must connect to the GND plane.
Power-up Considerations
The ESD protection circuits use internal diodes from all pins
the V+ and V- supplies. In addition, a dV/dT-triggered clamp
is connected between the V+ and V- pins, as shown in the
Equivalent Circuits 1 through 4 section of the Pin Description
table. The dV/dT triggered clamp imposes a maximum
supply turn-on slew rate of 1V/µs. Damaging currents can
flow for power supply rates-of-rise in excess of 1V/µs, such
as during hot plugging. Under these conditions, additional
methods should be employed to ensure the rate of rise is not
exceeded.
Consideration must be given to the order in which power is
applied to the V+ and V- pins, as well as analog and logic
input pins. Schottky diodes (Motorola MBR0550T or
equivalent) connected from V+ to ground and V- to ground
(Figure 16) will shunt damaging currents away from the
internal V+ and V- ESD diodes in the event that the V+
supply is applied to the device before the V- supply. One
Schottky can be used to protect both V+ power supply pins,
and a second for the protection of both V- pins.
IN
V+
V-
LOGIC PIN
V+
V-
GND
33k
21k
+
-
1.2V
V+
V-
OUT
CIRCUIT 3
CIRCUIT 2
CIRCUIT 1
V1-
~1M
Ω
SUBSTRATE 1
V1-
V1+
GNDB1
CAPACITIVELY
COUPLED
ESD CLAMP
GNDC1
GNDA1
V2-
V2+
GNDB2
CAPACITIVELY
COUPLED
ESD CLAMP
GNDC2
GNDA2
CIRCUIT 4B
CIRCUIT 4A
THERMAL HEAT SINK PAD
V2-
~1M
Ω
SUBSTRATE 2
AC Test Circuits
FIGURE 15A. TEST CIRCUIT WITH OPTIMAL OUTPUT LOAD
FIGURE 15B. TEST CIRCUIT FOR MEASURING WITH 50
Ω OR
75
Ω INPUT TERMINATED EQUIPMENT
FIGURE 15C. BACKLOADED TEST CIRCUIT FOR VIDEO
CABLE APPLICATION. BANDWIDTH AND
LINEARITY FOR RL LESS THAN 500Ω WILL BE
DEGRADED.
FIGURE 15. TEST CIRCUITS
ISL59481
CL
50
Ω
VIN
500
Ω
RL
5pF
or
75
Ω
ISL59481
RS
CL
VIN
475
Ω
TEST
5pF
50
Ω
or
75
Ω
50
Ω
or
75
Ω
50
Ω
or
75
Ω
EQUIPMENT
ISL59481
RS
CL
VIN
50
Ω or 75Ω
TEST
5pF
50
Ω
or
75
Ω
50
Ω
or
75
Ω
EQUIPMENT
ISL59481


Similar Part No. - ISL59481IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59481IRZ-T13 INTERSIL-ISL59481IRZ-T13 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481IRZ-T13 RENESAS-ISL59481IRZ-T13 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

Similar Description - ISL59481IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com