Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1655MTF Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN1655MTF
Description  3A DDR Bus Termination Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1655MTF Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN1655MTF Datasheet HTML 1Page - Fairchild Semiconductor FAN1655MTF Datasheet HTML 2Page - Fairchild Semiconductor FAN1655MTF Datasheet HTML 3Page - Fairchild Semiconductor FAN1655MTF Datasheet HTML 4Page - Fairchild Semiconductor FAN1655MTF Datasheet HTML 5Page - Fairchild Semiconductor FAN1655MTF Datasheet HTML 6Page - Fairchild Semiconductor FAN1655MTF Datasheet HTML 7Page - Fairchild Semiconductor FAN1655MTF Datasheet HTML 8Page - Fairchild Semiconductor FAN1655MTF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FAN1655 Rev. 1.1.5
Typical Application
Figure 1. (eTSSOP pinout shown)
Typical Performance Characteristics
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
100
µF
6V
10
µF
GND
VDD
1nF
(connect to VTTFORCE
at the load)
VTTSENSE
470
µF
10
µF
VTTFORCE
1nF
GND
VREFOUT
SHDN
VDDQ
10k
FAN1655
1.240
1.245
1.250
1.255
1.260
-3000
-2000
-1000
0
1000
2000
3000
VTT Load Current (mA)
-40
-20
0
20
40
60
80
Quiescent Current vs. Temperature
AMBIENT TEMPERATURE (˚C)
4.5
3
0
1.5
-60
100
120
140
6
7.5
9
-5
-4
-3
-2
-1
0
1
VREF Output Change vs. IREF
VREF LOAD CURRENT (mA)
0.5
0
-1.0
-0.5
-6
2
3
4
1.0
56
VDD = VDDQ = 2.5V
TA = 25˚C
1.0
10.0
100.0
1
1.5
2
2.5
3
Peak Load Current (A)
T
A=25°C
T
A=70°C
Figure 2. Quiescent Current vs.
Ambient Temperature
Figure 3. Reference Output
Load Regulation
Figure 4. VTT Load Regulation
Figure 5. Maximum Non-Repetitive Output
Current vs. Pulse Width
(FAN1655M SO-14 Package)


Similar Part No. - FAN1655MTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655MTF FAIRCHILD-FAN1655MTF Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MTFX FAIRCHILD-FAN1655MTFX Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
More results

Similar Description - FAN1655MTF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
   3A DDR BUS TERMINATION
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com