Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54400IRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54400IRZ
Description  Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54400IRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54400IRZ Datasheet HTML 1Page - Intersil Corporation ISL54400IRZ Datasheet HTML 2Page - Intersil Corporation ISL54400IRZ Datasheet HTML 3Page - Intersil Corporation ISL54400IRZ Datasheet HTML 4Page - Intersil Corporation ISL54400IRZ Datasheet HTML 5Page - Intersil Corporation ISL54400IRZ Datasheet HTML 6Page - Intersil Corporation ISL54400IRZ Datasheet HTML 7Page - Intersil Corporation ISL54400IRZ Datasheet HTML 8Page - Intersil Corporation ISL54400IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6240.3
ISL54400, ISL54401, ISL54402
Low Voltage, Dual SPDT, USB/Audio
Switches with Negative Signal Capability
The Intersil ISL54400, ISL54401, ISL54402 dual SPDT
(Single Pole/Double Throw) switches combine low distortion
audio and accurate USB 2.0 full speed data signal switching
in the same low voltage device. When operated with a 2.5V to
3.6V single supply these analog switches allow audio signal
swings below-ground, allowing the use of a common USB and
audio headphone connector in Personal Media Players and
other portable battery powered devices.
The ISL54400 and ISL54401 incorporate circuitry for
detection of the USB VBUS voltage, which is used to switch
between the audio and USB signal source in the portable
device. In addition, the ISL54400 includes circuitry for
generation of a VTERM voltage of 3.3V for use with USB
speed setting pull-up resistor.
The ISL54400, ISL54401, ISL54402 are available in 10 Ld
3mm x 3mm TDFN and 10 Ld tiny 2.1mm x 1.6mm ultra-thin
µTQFN packages. They operate over a temperature range of
-40 to +85°C.
Related Literature
• Application Note AN1255 “ISL5440XEVAL1Z Evaluation
Board User’s Manual”
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• Low Distortion Negative Signal Capability
• Detection of VBUS Voltage on USB Cable (ISL54400 and
ISL54401)
• Generation of VTERM Voltage for USB D+/D- Pull-up
Resistor (ISL54400)
• Low Distortion Headphone Audio Signals
- THD+N at 12mW into 32
Ω Load . . . . . . . . . . . <0.007%
• Cross-talk (20Hz to 20kHz) . . . . . . . . . . . . . . . . . . -110dB
• 1.8V Logic Compatible (ISL54402)
• Single Supply Operation (VDD)
- ISL54400 and ISL54401 . . . . . . . . . . . . . . 2.5V to 3.6V
- ISL54402 . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8V to 5.5V
• Available in Ultra-thin µQFN and TDFN Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• MP3 and other Personal Media Players
• Cellular/Mobile Phones
•PDA’s
• USB Switching
• Audio/USB Switching
Application Block Diagram
ISL54400
USB
TRANSCEIVER
FULL-SPEED
CODEC
D-/L
D+/R
VBUS
GND
D-
D+
L
R
VDD
VTERM
Data Sheet
July 12, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL54400IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54400IRZ RENESAS-ISL54400IRZ Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
ISL54400IRZ-T RENESAS-ISL54400IRZ-T Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results

Similar Description - ISL54400IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com