Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59534IKEZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL59534IKEZ
Description  32x16 Video Crosspoint
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59534IKEZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL59534IKEZ Datasheet HTML 5Page - Intersil Corporation ISL59534IKEZ Datasheet HTML 6Page - Intersil Corporation ISL59534IKEZ Datasheet HTML 7Page - Intersil Corporation ISL59534IKEZ Datasheet HTML 8Page - Intersil Corporation ISL59534IKEZ Datasheet HTML 9Page - Intersil Corporation ISL59534IKEZ Datasheet HTML 10Page - Intersil Corporation ISL59534IKEZ Datasheet HTML 11Page - Intersil Corporation ISL59534IKEZ Datasheet HTML 12Page - Intersil Corporation ISL59534IKEZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN6249.5
February 7, 2007
FIGURE 19. RISE TIME - AV = 2
FIGURE 20. FALL TIME - AV = 2
FIGURE 21. RISING SLEW RATE - AV = 1
FIGURE 22. FALLING SLEW RATE - AV = 1
FIGURE 23. RISING SLEW RATE - AV = 2
FIGURE 24. FALLING SLEW RATE - AV = 2
Typical Performance Curves (Continued)
MUX MODE
AV = 2
RL = 100Ω
INPUT_CH 31
OUTPUT_CH 31
RISE TIME
2.19ns
MUX MODE
AV = 2
RL = 100Ω
INPUT_CH 31
OUTPUT_CH 31
FALL TIME
2.35ns
MUX MODE
AV = 1
RL = 100Ω
INPUT_CH 31
OUTPUT_CH 31
SLEW RATE
448V/µs
MUX MODE
AV = 1
RL = 100Ω
INPUT_CH 31
OUTPUT_CH 31
SLEW RATE
-436V/µs
MUX MODE
AV = 2
RL = 100Ω
INPUT_CH 31
OUTPUT_CH 31
SLEW RATE
531V/µs
MUX MODE
AV = 2
RL = 100Ω
INPUT_CH 31
OUTPUT_CH 31
SLEW RATE
-511V/µs
ISL59534


Similar Part No. - ISL59534IKEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59534IKEZ INTERSIL-ISL59534IKEZ Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59534IKEZ RENESAS-ISL59534IKEZ Datasheet
1Mb / 22P
   32x16 Video Crosspoint
More results

Similar Description - ISL59534IKEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59534_0708 INTERSIL-ISL59534_0708 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59534 RENESAS-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
[Old version datasheet]   32x16 Video Crosspoint Switch
LMH6586 TI1-LMH6586 Datasheet
752Kb / 33P
[Old version datasheet]   LMH6586 32x16 Video Crosspoint Switch
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com