Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5236 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5236
Description  Dual Mobile-Friendly DDR / Dual-output PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5236 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5236 Datasheet HTML 2Page - Fairchild Semiconductor FAN5236 Datasheet HTML 3Page - Fairchild Semiconductor FAN5236 Datasheet HTML 4Page - Fairchild Semiconductor FAN5236 Datasheet HTML 5Page - Fairchild Semiconductor FAN5236 Datasheet HTML 6Page - Fairchild Semiconductor FAN5236 Datasheet HTML 7Page - Fairchild Semiconductor FAN5236 Datasheet HTML 8Page - Fairchild Semiconductor FAN5236 Datasheet HTML 9Page - Fairchild Semiconductor FAN5236 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PRODUCT SPECIFICATION
FAN5236
6
REV. 1.1.9 7/12/04
Figure 3. IC Block Diagram
DDR, EN Inputs
Input High
2
V
Input Low
0.8
V
FPWM Inputs
FPWM Low
0.1
V
FPWM High
FPWM connected to output
0.9
V
Electrical Specifications Recommended operating conditions, unless otherwise noted. (continued)
Parameter
Conditions
Min.
Typ.
Max.
Units
REF2
PGOOD
EN
C
BOOT
Q1
Q2
5V
VDD
ADAPTIVE
GATE
CONTROL LOGIC
CURRENT PROCESSING
HDRV
SW
LDRV
PGND
BOOT
VDD
HYST
ISNS
VIN
C
OUT
VOUT
PWM/HYST
PWM
S/H
ILIM
R
SENSE
ILIM det.
HYST
SS
FPWM/VOUT
SS
DUTY
CYCLE
CLAMP
Σ
PWM
SR
Q
RAMP
MODE
DDR
OSC
I
OU T
RAMP
CLK
OVP
POR/UVLO
Reference and
Soft Start
FPWM
L
OU T
VREF
EA
PWM/HYST
VSEN
FPWM/VOUT
VIN
DDR
DDR


Similar Part No. - FAN5236

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
FAN5236 FAIRCHILD-FAN5236 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236MTC FAIRCHILD-FAN5236MTC Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
More results

Similar Description - FAN5236

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com