Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5240 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5240
Description  Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5240 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5240 Datasheet HTML 1Page - Fairchild Semiconductor FAN5240 Datasheet HTML 2Page - Fairchild Semiconductor FAN5240 Datasheet HTML 3Page - Fairchild Semiconductor FAN5240 Datasheet HTML 4Page - Fairchild Semiconductor FAN5240 Datasheet HTML 5Page - Fairchild Semiconductor FAN5240 Datasheet HTML 6Page - Fairchild Semiconductor FAN5240 Datasheet HTML 7Page - Fairchild Semiconductor FAN5240 Datasheet HTML 8Page - Fairchild Semiconductor FAN5240 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
www.fairchildsemi.com
FAN5240 Rev. 1.2.0
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will define the
conditions for actual device operation.
Recommended Operating Conditions
19
PGOOD
Power Good Flag. An open-drain output that will pull LOW when the core output below
825mV. PGOOD delays its low to high transition for a time determined by CDELAY when
VCORE rises above 875mV.
20
SS
Soft Start. A capacitor from this pin to GND programs the slew rate of the converter during
initialization as well as in operation. This pin is used as the reference against which the
output is compared. During initialization, this pin is charged with a 25
µA current source.
Once this pin reaches 0.5V, its function changes, and it assumes the value of the voltage as
set by the VID programming. The current driving this pin is then limited to ±500
µA, that
together with CSS sets a controlled slew rate for VID code changes.
21
VIN
Input voltage from battery. This voltage is used by the oscillator for feed-forward
compensation of input voltage variation.
28
VCC
VCC. This pin powers the chip. The IC starts to operate when voltage on this pin exceeds
4.6V (UVLO rising) and shuts down when it drops below 4.3V (UVLO falling).
Parameter
Min.
Typ.
Max.
Units
VCC Supply Voltage
6.5
V
VIN
27
V
BOOT, SW, HDRV Pins
33
V
BOOT to SW
6.5
V
All Other Pins
–0.3
VCC + 0.3
V
Junction Temperature (TJ )
–10
150
°C
Storage Temperature
–65
150
°C
Lead Soldering Temperature, 10 seconds
300
°C
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage VCC
4.75
5
5.25
V
Supply Voltage VIN
624
V
Ambient Temperature (TA )
–20
85
°C
Pin Assignments (Continued)
Pin
Number
Pin
Name
Pin Function Description


Similar Part No. - FAN5240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
FAN5240MTC FAIRCHILD-FAN5240MTC Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
FAN5240MTCX FAIRCHILD-FAN5240MTCX Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
FAN5240QSC FAIRCHILD-FAN5240QSC Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
FAN5240QSCX FAIRCHILD-FAN5240QSCX Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
More results

Similar Description - FAN5240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Maxim Integrated Produc...
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com