Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5331 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN5331
Description  High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5331 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN5331_05 Datasheet HTML 1Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 2Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 3Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 4Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 5Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 6Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 7Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 8Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FAN5331 Rev. 1.0.1
Pin Assignment
Figure 2. Pin Assignment
Pin Description
Absolute Maximum Ratings (Note1)
Recommended Operating Conditions
Notes:
1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Absolute maximum ratings apply individually only, not in combination.
2. Using EIA/JESD22A114B (Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
3. This load capacitance value is required for the loop stability. Tolerance, temperature variation, and voltage
dependency of the capacitance must be considered. Typically a 4.7µF ceramic capacitor is required to achieve
specified value at VOUT = 15V.
Pin No.
Pin Name
Pin Description
1SW
Switching node.
2
GND
Analog and power ground.
3FBFeedback node that connects to an external voltage divider.
4
SHDN
Shutdown control pin. Logic HIGH enables, logic LOW disables the device.
5VIN
Input voltage.
Parameter
Min
Max
Unit
VIN to GND
6.0
V
FB, SHDN to GND
-0.3
VIN + 0.3
V
SW to GND
-0.3
23
V
Lead Soldering Temperature (10 seconds)
300
°C
Junction Temperature
150
°C
Storage Temperature
-55
150
°C
Thermal Resistance (
ΘJA)
265
°C/W
Electrostatic Discharge Protection (ESD) Level (Note 2)
HBM
2.5
kV
CDM
1
Parameter
Min
Typ
Max
Unit
Input Voltage
2.7
5.5
V
Output Voltage
VIN
20
V
Operating Ambient Temperature
-40
25
85
°C
Output Capacitance (Note 3)
1.6
µF
5-Lead SOT-23
Top View
SW
GND
FB
SHDN
VIN


Similar Part No. - FAN5331_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5331SX FAIRCHILD-FAN5331SX Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
More results

Similar Description - FAN5331_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
   High Efficiency Step Down LED Driver for High Brightness LED and OLED
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
California Micro Device...
CM9311 CALMIRCO-CM9311 Datasheet
294Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED/OLED Driver
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com