Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5331 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5331
Description  High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5331 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5331 Datasheet HTML 1Page - Fairchild Semiconductor FAN5331 Datasheet HTML 2Page - Fairchild Semiconductor FAN5331 Datasheet HTML 3Page - Fairchild Semiconductor FAN5331 Datasheet HTML 4Page - Fairchild Semiconductor FAN5331 Datasheet HTML 5Page - Fairchild Semiconductor FAN5331 Datasheet HTML 6Page - Fairchild Semiconductor FAN5331 Datasheet HTML 7Page - Fairchild Semiconductor FAN5331 Datasheet HTML 8Page - Fairchild Semiconductor FAN5331 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2004 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
August 2005
FAN5331 Rev. 1.0.1
FAN5331
High Efficiency Serial LED Driver and OLED Supply with
20V Integrated Switch
Features
■ 1.6MHz Switching Frequency
■ Low Noise
■ Low RDS(ON): 0.5Ω
■ Adjustable Output Voltage
■ 1A Peak Switch Current
■ 1W Output Power Capability
■ Low Shutdown Current: <1µA
■ Cycle-by-Cycle Current Limit
■ Over-Voltage Protection
■ Fixed-Frequency PWM Operation
■ Internal Compensation
■ 5-lead SOT-23 Package
Applications
■ Cell Phones
■ PDAs
■ Handheld Equipment
■ Display Bias
■ LED Bias
Description
The FAN5331 is a general purpose, fixed-frequency boost con-
verter designed to operate at high switching frequencies in
order to minimize switching noise measured at the battery ter-
minal of hand-held communications equipment. Quiescent cur-
rent in normal mode of operation as well as in shutdown mode
is designed to be minimal in order to extend battery life. Normal
mode of operation or shutdown mode can be selected by a logic
level shutdown circuitry.
The low ON-resistance of the internal N-channel switch ensures
high efficiency and low power dissipation. A cycle-by-cycle cur-
rent limit circuit keeps the peak current of the switch below a
typical value of 1A. The FAN5331 is available in a 5-lead SOT-
23 package.
Typical Application
Figure 1. Typical Application Diagram
SHDN
VIN
VOUT
R1
R2
GND
VIN
FB
SW
CF
CIN
10µH
1
3
2
4
5
4.7
µF
120pF
COUT
L
BAT54
4.7
µF
2.7V to 5.5V
ON
OFF


Similar Part No. - FAN5331

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5331SX FAIRCHILD-FAN5331SX Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
More results

Similar Description - FAN5331

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
   High Efficiency Step Down LED Driver for High Brightness LED and OLED
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
California Micro Device...
CM9311 CALMIRCO-CM9311 Datasheet
294Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED/OLED Driver
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com