Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5236MTC Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN5236MTC
Description  Dual Mobile-Friendly DDR / Dual-output PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5236MTC Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5236MTC Datasheet HTML 7Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 8Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 9Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 10Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 11Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 12Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 13Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 14Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FAN5236
PRODUCT SPECIFICATION
REV. 1.1.9 7/12/04
11
Hysteretic Mode
Conversely, the transition from Hysteretic mode to PWM
mode occurs when the SW node is negative for 8 consecutive
cycles.
A sudden increase in the output current will also cause a
change from hysteretic to PWM mode. This load increase
causes an instantaneous decrease in the output voltage due to
the voltage drop on the output capacitor ESR. If the load
causes the output voltage (as presented at VSNS) to drop
below the hysteretic regulation level (20mV below VREF),
the mode is changed to PWM on the next clock cycle.
In hysteretic mode, the PWM comparator and the error
amplifier that provide control in PWM mode are inhibited
and the hysteretic comparator is activated. In hysteretic
mode the low side MOSFET is operated as a synchronous
rectifier, where the voltage across ( VDS(ON) ) it is monitored,
and it is switched off when VDS(ON) goes positive (current
flowing back from the load) allowing the diode to block
reverse conduction.
The hysteretic comparator initiates a PFM signal to turn on
HDRV at the rising edge of the next oscillator clock, when
the output voltage (at VSNS) falls below the lower threshold
(10mV below VREF) and terminates the PFM signal when
VSNS rises over the higher threshold (5mV above VREF).
The switching frequency is primarily a function of:
1.
Spread between the two hysteretic thresholds
2.
ILOAD
3.
Output Inductor and Capacitor ESR
A transition back to PWM (Continuous Conduction Mode or
CCM) mode occurs when the inductor current rises suffi-
ciently to stay positive for 8 consecutive cycles. This occurs
when:
where
∆VHYSTERESIS = 15mV and ESR is the equivalent
series resistance of COUT.
Because of the different control mechanisms, the value of the
load current where transition into CCM operation takes place
is typically higher compared to the load level at which transi-
tion into hysteretic mode occurs. Hysteretic mode can be
disabled by setting the FPWM pin low.
I
LOAD CCM
()
∆V
HYSTERESIS
2 ESR
---------------------------------------
=
(3)
Figure 11. Current Limit / Summing Circuits
LDRV
PGND
ISNS
in +
in –
2.5V
ILIM det.
R
SENSE
SS
1.5M
C
SS
VSEN
V to I
Reference and
Soft Start
17pf
ISNS
S/H
TO PWM COMP
4.14K
300K
ISNS
0.17pf
I2 =
ILIM*11.2
ILIM
0.9V
R
ILIM
ILIM


Similar Part No. - FAN5236MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236MTC FAIRCHILD-FAN5236MTC Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236MTCX FAIRCHILD-FAN5236MTCX Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236MTCX FAIRCHILD-FAN5236MTCX Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236MTCX ONSEMI-FAN5236MTCX Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
More results

Similar Description - FAN5236MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com