Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5240MTC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5240MTC
Description  Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5240MTC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5240MTC Datasheet HTML 2Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 3Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 4Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 5Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 6Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 7Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 8Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 9Page - Fairchild Semiconductor FAN5240MTC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
www.fairchildsemi.com
FAN5240 Rev. 1.2.0
Electrical Specifications (Continued)
Note:
1. Guaranteed by slew rate testing.
Figure 2. IC Block Diagram
Parameter
Conditions
Min.
Typ.
Max.
Units
PGOOD
VCORE Lower Threshold
Falling Edge
785
825
865
mV
Rising Edge
835
875
915
mV
PGOOD Output Delay
Low to High, CDELAY = 22nF
12
mS
PGOOD Output Low
IPGOOD = 4mA
0.5
V
Leakage Current
VPULLUP = 5V
1
µA
HYST
PGOOD
EN
5V
VDD
SS
PWM
VIN
POR/UVLO
C
BOOT
Q1
Q2
VDD
CURRENT
PROCESSING
HDRV
SW
LDRV
PGND
BOOT
ISNS1
VIN
C
OUT
VCORE
+
ILIM
R
SENSE1
MODE
ISNS1
L
OUT
ISNS2
R
SENSE2
VCORE-
1K
30µA
ISNS1+ISNS2
5
A1
A2
EA1
DUTY
CYCLE
CLAMP
SR
Q
OSC
RAMP
CLK
ILIM
det.
VCORE+
A
B
TO PH 2
MODULATOR
VOUT'
VOUT'
DAC
Soft Start &
OVP
ISNS2-ISNS1
ISNS1-ISNS2
ISNS2
R6
HYST
PWM
FPWM
PWM/HYST
S/H


Similar Part No. - FAN5240MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240MTC FAIRCHILD-FAN5240MTC Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
FAN5240MTCX FAIRCHILD-FAN5240MTCX Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
More results

Similar Description - FAN5240MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Maxim Integrated Produc...
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com