Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5602 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5602
Description  Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5602 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5602_07 Datasheet HTML 1Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 2Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 3Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 4Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 5Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 6Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 7Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 8Page - Fairchild Semiconductor FAN5602_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
March 2007
FAN5602 Rev. 1.5.0
FAN5602 — Universal (Step-Up/Step-Down)
Charge Pump Regulated DC/DC Converter
Features
Low-Noise, Constant-Frequency Operation at Heavy
Load
High-Efficiency, Pulse-Skip (PFM) Operation at Light
Load
Switch Configurations (1:3, 1:2, 2:3, 1:1, 3:2, 2:1, 3:1)
92% Peak Efficiency
Input Voltage Range: 2.7V to 5.5V
Output Current: 3.3V, 200mA at VIN = 3.6V
±3% Output Voltage Accuracy
ICC < 1µA in Shutdown Mode
1MHz Operating Frequency
Shutdown Isolates Output from Input
Soft-Start Limits Inrush Current at Start-up
Short-Circuit and Over-Temperature Protection
Minimum External Component Count
No Inductors
Applications
Cell Phones
Handheld Computers
Portable RF Communication Equipment
Core Supply to Low-Power Processors
Low-Voltage DC Bus
DSP Supplies
Description
The FAN5602 is a universal switched capacitor DC/DC
converter capable of step-up or step-down operation.
Due to its unique adaptive fractional switching topology,
the device achieves high efficiency over a wider input/
output voltage range than any of its predecessors. The
FAN5602 utilizes resistance-modulated loop control,
which produces lower switching noise than other topolo-
gies. Depending upon actual load conditions, the device
automatically switches between constant-frequency and
pulse-skipping modes of operation to extend battery life.
The FAN5602 produces a fixed regulated output within
the range of 2.7V to 5.5V from any type of voltage
source. High efficiency is achieved under various input/
output voltage conditions because an internal logic circuit
automatically reconfigures the system to the best possi-
ble topology. Only two 1µF bucket capacitors and one
10µF output capacitor are needed. During power on,
soft-start circuitry prevents excessive current drawn from
the supply. The device is protected against short-circuit
and over-temperature conditions.
The FAN5602 is available with 3.3V, 4.5V, and 5.0V out-
put voltage. Any other output voltage option within the
1.5V to 5V range is available upon request. The
FAN5602 is available 3x3mm 8-lead MLP packages.
Ordering Information
Note:
1. Reference MLP08D Option B ONLY.
Application Diagram
Figure 2. Typical Application Diagram
Part Number
Package(1)
Pb-Free
Output Voltage, VNOM
FAN5602MP33X
3x3mm 8-Lead MLP
Yes
3.3V
FAN5602MP45X
3x3mm 8-Lead MLP
Yes
4.5V
FAN5602MP5X
3x3mm 8-Lead MLP
Yes
5.0V
FAN5602
COUT
CB
CIN
GND
VIN
VOUT
C2+
C1+
C1-
C2-
ENABLE
Input 2.7V to 5.5V
2
1
3
4
5
8
7
6


Similar Part No. - FAN5602_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results

Similar Description - FAN5602_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com