Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5602MP33X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5602MP33X
Description  Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5602MP33X Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5602MP33X Datasheet HTML 3Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 4Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 5Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 6Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 7Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 8Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 9Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 10Page - Fairchild Semiconductor FAN5602MP33X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5602 Rev. 1.5.0
7
Typical Performance Characteristics (Continued)
TA = 25°C and VOUT = 4.5V unless otherwise noted.
Figure 10. Output Voltage vs. Input Voltage
Figure 11. Output Voltage vs. Ambient Temperature
Figure 12. Peak Efficiency vs. Load Current
Figure 13. Enable Threshold vs. Input Voltage
Figure 14. Mode Change Threshold and Hysteresis
4.3
4.35
4.4
4.45
4.5
-60
-40
-20
0
20
40
60
80
100
120
140
Ambient Temperature (C)
Load Current = 10mA
2
2.5
3
3.5
4
4.5
5
23
456
Input Voltage (V)
Load Current = 10mA
Load Current = 50mA
Load Current = 100mA
Load Current = 150mA
Load Current = 200mA
60
65
70
75
80
0
50
100
150
200
250
300
V
IN = 3.6V
0.8
0.9
1
1.1
1.2
1.3
1.4
23
45
2.5
3.5
4.5
5.5
6
2
2.5
3
3.5
4
4.5
5
5.5
0
50
100
150
200
Load Current (mA)
Mode 1
Mode 2
Mode 3
Mode 4


Similar Part No. - FAN5602MP33X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602MP33X FAIRCHILD-FAN5602MP33X Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602MP33X FAIRCHILD-FAN5602MP33X Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results

Similar Description - FAN5602MP33X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com